Electronic Components Datasheet Search
  English  ▼

X  

HT36A4 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT36A4
Description  Music Synthesizer 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A4 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT36A4 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 12Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 13Page - Holtek Semiconductor Inc HT36A4 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
HT36A4
Rev. 1.10
10
March 12, 2007
All these kinds of interrupt have a wake-up capability. As
an interrupt is serviced, a control transfer occurs by push-
ing the program counter onto the stack and then branch-
ing to subroutines at specified locations in the program
memory. Only the program counter is pushed onto the
stack. If the contents of the register and Status register
(STATUS) are altered by the interrupt service program
which may corrupt the desired control sequence, then the
programmer must save the contents first.
The internal Timer Counter 0 interrupt is initialized by set-
ting the Timer Counter 0 interrupt request flag (T0F; bit 5
of INTC), caused by a Timer Counter 0 overflow. When
the interrupt is enabled, and the stack is not full and the
T0F bit is set, a subroutine call to location 08H will occur.
The related interrupt request flag (T0F) will be reset and
the EMI bit cleared to disable further interrupts.
The Timer Counter 1 interrupt is operated in the same
manner as Timer Counter 0. The related interrupt con-
trol bits ET1I and T1F of the Timer Counter 1 are bit 3
and bit 6 of the INTC respectively.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are held until the RETI in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (if the stack is not full). To
return from the interrupt subroutine, the RET or RETI in-
struction may be invoked. RETI will set the EMI bit to en-
able an interrupt service, but RET will not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the priorities in the following table apply. These can be
masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
Timer Counter 0 overflow
1
08H
Timer Counter 1 overflow
2
0CH
Once the interrupt request flags (T0F, T1F) are set, they
will remain in the INTC register until the interrupts are
serviced or cleared by a software instruction. It is recom-
mended that a program does not use the
²CALL subrou-
tine
² within the interrupt subroutine. Because interrupts
often occur in an unpredictable manner or need to be
serviced immediately in some applications, if only one
stack is left and enabling the interrupt is not well con-
trolled, once the
²CALL subroutine² operates in the inter-
rupt subroutine, it may damage the original control
sequence.
Oscillator Configuration
The HT36A4 provides two types of oscillator circuit for
the system clock, i.e., RC oscillator and crystal oscilla-
tor. No matter what type of oscillator, the signal divided
by 2 is used for the system clock (fSYS=fOSC/2). The
HALT mode stops the system oscillator and ignores ex-
ternal signal to conserve power. If the RC oscillator is
used, an external resistor between OSC1 and VSS is re-
quired, and the range of the resistance should be from
30k
W to 680kW. The system clock, divided by 4 (fOSC2=
fSYS/4=fOSC/8), is available on OSC2 with pull-high re-
sistor, which can be used to synchronize external logic.
The RC oscillator provides the most cost effective solu-
tion. However, the frequency of the oscillation may vary
with VDD, temperature, and the chip itself due to pro-
cess variations. It is therefore, not suitable for timing
sensitive operations where accurate oscillator fre-
quency is desired.
Bit No.
Label
Function
0C
C is set if an operation results in a carry during an addition operation or if a borrow does not take
place during a subtraction operation; otherwise C is cleared. Also it is affected by a rotate through
carry instruction.
1AC
AC is set if an operation results in a carry out of the low nibbles in addition or no borrow from the
high nibble into the low nibble in subtraction; otherwise AC is cleared.
2
Z
Z is set if the result of an arithmetic or logical operation is zero; otherwise Z is cleared.
3OV
OV is set if an operation results in a carry into the highest-order bit but not a carry out of the high-
est-order bit, or vice versa; otherwise OV is cleared.
4
PDF
PDF is cleared by either a system power-up or executing the CLR WDT instruction. PDF is set by
executing the HALT instruction.
5TO
TO is cleared by a system power-up or executing the CLR WDT or HALT instruction. TO is set by
a WDT time-out.
6~7
¾
Unused bit, read as
²0²
Status (0AH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com