Electronic Components Datasheet Search
  English  ▼

X  

LPC2470 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC2470
Description  Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2470 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC2470 Datasheet HTML 15Page - NXP Semiconductors LPC2470 Datasheet HTML 16Page - NXP Semiconductors LPC2470 Datasheet HTML 17Page - NXP Semiconductors LPC2470 Datasheet HTML 18Page - NXP Semiconductors LPC2470 Datasheet HTML 19Page - NXP Semiconductors LPC2470 Datasheet HTML 20Page - NXP Semiconductors LPC2470 Datasheet HTML 21Page - NXP Semiconductors LPC2470 Datasheet HTML 22Page - NXP Semiconductors LPC2470 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
LPC2470_0
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 5 October 2007
19 of 72
NXP Semiconductors
LPC2470
Fast communication chip
P2[31]/
DQMOUT3/
MAT3[3]/SCL2
39[1]
N2[1]
I/O
P2[31] — General purpose digital input/output pin.
O
DQMOUT3 — Data mask 3 used with SDRAM and static devices.
O
MAT3[3] — Match output for Timer 3, channel 3.
I/O
SCL2 — I2C2 clock input/output (this is not an open-drain pin).
P3[0] to P3[31]
I/O
Port 3: Port 3 is a 32-bit I/O port with individual direction controls for each
bit. The operation of port 3 pins depends upon the pin function selected
via the Pin Connect block.
P3[0]/D0
197[1]
B4[1]
I/O
P3[0] — General purpose digital input/output pin.
I/O
D0 — External memory data line 0.
P3[1]/D1
201[1]
B3[1]
I/O
P3[1] — General purpose digital input/output pin.
I/O
D1 — External memory data line 1.
P3[2]/D2
207[1]
B1[1]
I/O
P3[2] — General purpose digital input/output pin.
I/O
D2 — External memory data line 2.
P3[3]/D3
3[1]
E4[1]
I/O
P3[3] — General purpose digital input/output pin.
I/O
D3 — External memory data line 3.
P3[4]/D4
13[1]
F2[1]
I/O
P3[4] — General purpose digital input/output pin.
I/O
D4 — External memory data line 4.
P3[5]/D5
17[1]
G1[1]
I/O
P3[5] — General purpose digital input/output pin.
I/O
D5 — External memory data line 5.
P3[6]/D6
23[1]
J1[1]
I/O
P3[6] — General purpose digital input/output pin.
I/O
D6 — External memory data line 6.
P3[7]/D7
27[1]
L1[1]
I/O
P3[7] — General purpose digital input/output pin.
I/O
D7 — External memory data line 7.
P3[8]/D8
191[1]
D8[1]
I/O
P3[8] — General purpose digital input/output pin.
I/O
D8 — External memory data line 8.
P3[9]/D9
199[1]
C5[1]
I/O
P3[9] — General purpose digital input/output pin.
I/O
D9 — External memory data line 9.
P3[10]/D10
205[1]
B2[1]
I/O
P3[10] — General purpose digital input/output pin.
I/O
D10 — External memory data line 10.
P3[11]/D11
208[1]
D5[1]
I/O
P3[11] — General purpose digital input/output pin.
I/O
D11 — External memory data line 11.
P3[12]/D12
1[1]
D4[1]
I/O
P3[12] — General purpose digital input/output pin.
I/O
D12 — External memory data line 12.
P3[13]/D13
7[1]
C1[1]
I/O
P3[13] — General purpose digital input/output pin.
I/O
D13 — External memory data line 13.
P3[14]/D14
21[1]
H2[1]
I/O
P3[14] — General purpose digital input/output pin.
I/O
D14 — External memory data line 14.
P3[15]/D15
28[1]
M1[1]
I/O
P3[15] — General purpose digital input/output pin.
I/O
D15 — External memory data line 15.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com