| Electronic Components Datasheet Search |
|
LPC2470 Datasheet(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2470 Datasheet(HTML) 22 Page - NXP Semiconductors |
|
22 / 72 page ![]() LPC2470_0 © NXP B.V. 2007. All rights reserved. Preliminary data sheet Rev. 00.01 — 5 October 2007 22 of 72 NXP Semiconductors LPC2470 Fast communication chip P4[7]/A7 121[1] L16[1] I/O P4[7] — General purpose digital input/output pin. I/O A7 — External memory address line 7. P4[8]/A8 127[1] J17[1] I/O P4[8] — General purpose digital input/output pin. I/O A8 — External memory address line 8. P4[9]/A9 131[1] H17[1] I/O P4[9] — General purpose digital input/output pin. I/O A9 — External memory address line 9. P4[10]/A10 135[1] G17[1] I/O P4[10] — General purpose digital input/output pin. I/O A10 — External memory address line 10. P4[11]/A11 145[1] F14[1] I/O P4[11] — General purpose digital input/output pin. I/O A11 — External memory address line 11. P4[12]/A12 149[1] C16[1] I/O P4[12] — General purpose digital input/output pin. I/O A12 — External memory address line 12. P4[13]/A13 155[1] B16[1] I/O P4[13] — General purpose digital input/output pin. I/O A13 — External memory address line 13. P4[14]/A14 159[1] B15[1] I/O P4[14] — General purpose digital input/output pin. I/O A14 — External memory address line 14. P4[15]/A15 173[1] A11[1] I/O P4[15] — General purpose digital input/output pin. I/O A15 — External memory address line 15. P4[16]/A16 101[1] U17[1] I/O P4[16] — General purpose digital input/output pin. I/O A16 — External memory address line 16. P4[17]/A17 104[1] P14[1] I/O P4[17] — General purpose digital input/output pin. I/O A17 — External memory address line 17. P4[18]/A18 105[1] P15[1] I/O P4[18] — General purpose digital input/output pin. I/O A18 — External memory address line 18. P4[19]/A19 111[1] P16[1] I/O P4[19] — General purpose digital input/output pin. I/O A19 — External memory address line 19. P4[20]/A20/ SDA2/SCK1 109[1] R17[1] I/O P4[20] — General purpose digital input/output pin. I/O A20 — External memory address line 20. I/O SDA2 — I2C2 data input/output (this is not an open-drain pin). I/O SCK1 — Serial Clock for SSP1. P4[21]/A21/ SCL2/SSEL1 115[1] M15[1] I/O P4[21] — General purpose digital input/output pin. I/O A21 — External memory address line 21. I/O SCL2 — I2C2 clock input/output (this is not an open-drain pin). I/O SSEL1 — Slave Select for SSP1. P4[22]/A22/ TXD2/MISO1 123[1] K14[1] I/O P4[22] — General purpose digital input/output pin. I/O A22 — External memory address line 22. O TXD2 — Transmitter output for UART2. I/O MISO1 — Master In Slave Out for SSP1. Table 4. Pin description …continued Symbol Pin Ball Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |