Electronic Components Datasheet Search
  English  ▼

X  

HV232 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV232
Description  Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232 Datasheet(HTML) 7 Page - Supertex, Inc

  HV232 Datasheet HTML 1Page - Supertex, Inc HV232 Datasheet HTML 2Page - Supertex, Inc HV232 Datasheet HTML 3Page - Supertex, Inc HV232 Datasheet HTML 4Page - Supertex, Inc HV232 Datasheet HTML 5Page - Supertex, Inc HV232 Datasheet HTML 6Page - Supertex, Inc HV232 Datasheet HTML 7Page - Supertex, Inc HV232 Datasheet HTML 8Page - Supertex, Inc HV232 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
HV230/HV232
Pin
Function
Pin
Function
1
SW5
25
V
NN
2
N/C
26
N/C
3SW4
27
R
GND
4
N/C
28
GND
5SW4
29
V
DD
6
N/C
30
N/C
7
N/C
31
N/C
8
SW3
32
N/C
9
N/C
33
D
IN
10
SW3
34
CLK
11
N/C
35
LE
12
SW2
36
CLR
13
N/C
37
D
OUT
14
SW2
38
N/C
15
N/C
39
SW7
16
SW1
40
N/C
17
N/C
41
SW7
18
SW1
42
N/C
19
N/C
43
SW6
20
SW0
44
N/C
21
N/C
45
SW6
22
SW0
46
N/C
23
N/C
47
SW5
24
V
PP
48
N/C
Pin Description
Pin Description
Pin
Function
Pin
Function
1
SW3
15
N/C
2
SW3
16
D
IN
3
SW2
17
CLK
4SW2
18
LE
5SW1
19
CL
6
SW1
20
D
OUT
7
SW0
21
SW7
8
SW0
22
SW7
9
N/C
23
SW6
10
V
PP
24
SW6
11
R
GND
25
SW5
12
V
NN
26
SW5
13
GND
27
SW4
14
V
DD
28
SW4
28-Lead (J-Lead) PLCC Package Outline (PJ)
48-Lead LQFP/TQFP (1.4mm) Package Outline (FG)
Linear dimensions in millimeters.
Angular dimensions in degrees
Pin 1 identifier located within the area indicated
Corner shape may differ from drawing.
.
0.22 ± 0.05
0.50 BSC
9.00 ± 0.20
7.00 ± 0.20
9.00 ± 0.20
7.00 ± 0.20
1.60 max
0.45 - 0.75
0.05 - 0.15
0O
- 7O
0.09 - 0.20
1.40 ± 0.05
1.75 nom
1.75 nom
1
Side View
Top View
(4 places)
48
1
B. C. of Bend Radii
0.480 ± 0.010
(12.192 ± 0.254)
0.050 ± 0.010
(1.270 ± 0.254)
0.450 ± 0.005
(11.430 ± 0.127)
0.027 ± 0.003
(0.6858 ± 0.0762)
0.1725 ± 0.0075
(4.3815 ± 0.1905)
min.
0.020
(0.508)
0.410 ± 0.010
(10.414 ± 0.254)
0.110 ± 0.010
(2.794 ± 0.254)
Dimensions in Inches
(Dimensions in Millimeters)
Measurement Legend =
4
11
18
25



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com