Electronic Components Datasheet Search
  English  ▼

X  

HV232 Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV232
Description  Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232 Datasheet(HTML) 9 Page - Supertex, Inc

  HV232 Datasheet HTML 1Page - Supertex, Inc HV232 Datasheet HTML 2Page - Supertex, Inc HV232 Datasheet HTML 3Page - Supertex, Inc HV232 Datasheet HTML 4Page - Supertex, Inc HV232 Datasheet HTML 5Page - Supertex, Inc HV232 Datasheet HTML 6Page - Supertex, Inc HV232 Datasheet HTML 7Page - Supertex, Inc HV232 Datasheet HTML 8Page - Supertex, Inc HV232 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Doc.# DSFP-HV230_HV232
A111006
HV230/HV232
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Pin Description
Pin
Function
1
SW4
2SW3
3SW3
4SW2
5SW2
6SW1
7SW1
8SW0
9SW0
10
V
PP
11
V
NN
12
R
GND
13
GND
14
V
DD
15
D
IN
16
CLK
17
LE
18
CLR
19
D
OUT
20
SW7
21
SW7
22
SW6
23
SW6
24
SW5
25
SW5
26
SW4
26-Lead BCC Package Outline (B1)
HV230B1 Package Outline
Top View
Pad connections are on the
backside of the package.
Pin 1
Pin 2
10
18
4.15
6.00±0.
0.925
0.925
4.55
0.389
0.35±0.10
1.06
0.725
0.65
0.725
0.35±0.10
0.40
1.05
6.00±0.10
0.8mm Max
0.075±0.025
(Standoff )
Side View
0.10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com