Electronic Components Datasheet Search
  English  ▼

X  

HV232 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV232
Description  Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232 Datasheet(HTML) 5 Page - Supertex, Inc

  HV232 Datasheet HTML 1Page - Supertex, Inc HV232 Datasheet HTML 2Page - Supertex, Inc HV232 Datasheet HTML 3Page - Supertex, Inc HV232 Datasheet HTML 4Page - Supertex, Inc HV232 Datasheet HTML 5Page - Supertex, Inc HV232 Datasheet HTML 6Page - Supertex, Inc HV232 Datasheet HTML 7Page - Supertex, Inc HV232 Datasheet HTML 8Page - Supertex, Inc HV232 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
HV230/HV232
D0
D1
D2
D3
D4
D5
D6
D7
LE
CL
SW0 SW1 SW2 SW3 SW4 SW5 SW6 SW7
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
LL
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
LL
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
X
X
X
X
X
X
X
X
H
L
HOLD PREVIOUS STATE
X
X
X
X
X
X
X
X
X
H
OFF OFF OFF OFF OFF OFF OFF OFF
Truth Table
Notes:
1. The eight switches operate independently.
2. Serial data is clocked in on the L to H transition CLK.
3. The switches go to a state retaining their present condition at the rising edge of LE. When LE is
low the shift register data flows through the latch.
4. DOUT is high when data in shift register 7 is high.
5. Shift register clocking has no effect on the switch states if LE is H.
6. The clear input overrides all other inputs.
DATA
IN
CLOCK
DATA
OUT
D
N + 1
N
N - 1
D
D
50%
50%
50%
50%
50%
50%
50%
50%
50%
OUT
(TYP)
V
OFF
ON
CLR
t
WCL
90%
10%
t
OFF
DD
SD
ON
t
tt
t
t
h
WLE
SU
t
LE
Logic Timing Waveforms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com