Electronic Components Datasheet Search
  English  ▼

X  

HV232 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV232
Description  Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV232 Datasheet(HTML) 4 Page - Supertex, Inc

  HV232 Datasheet HTML 1Page - Supertex, Inc HV232 Datasheet HTML 2Page - Supertex, Inc HV232 Datasheet HTML 3Page - Supertex, Inc HV232 Datasheet HTML 4Page - Supertex, Inc HV232 Datasheet HTML 5Page - Supertex, Inc HV232 Datasheet HTML 6Page - Supertex, Inc HV232 Datasheet HTML 7Page - Supertex, Inc HV232 Datasheet HTML 8Page - Supertex, Inc HV232 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
HV230/HV232
Electrical Characteristics
AC Characteristics (over operating conditions V
DD = 5V, unless otherwise noted)
0°C
+25°C
+70°C
Characteristics
Sym
min
max
min
typ*
max
min
max
Units
Test Conditions
Set Up Time Before LE Rises
tSD
150
150
150
ns
Time Width of LE
tWLE
150
150
150
ns
Clock Delay Time to Data Out
t
DO
55
150
60
150
70
150
ns
Time Width of CL
tWCL
150
150
150
ns
Set Up Time Data to Clock
tSU
15
15
8.0
20
ns
Hold Time Data from Clock
t
h
35
35
35
ns
Clock Freq
fCLK
5.0
5.0
5.0
MHz
50% duty cycle
fDATA = fCLK/2
Clock Rise and Fall Times
t
r, tf
1.0
1.0
1.0
µs
Turn On Time
tON
5.0
5.0
5.0
µs
VSIG = VPP -10V,
RL = 10KΩ
Turn Off Time
tOFF
5.0
5.0
5.0
µs
VSIG = VPP -10V,
R
L = 10KΩ
20
20
20
VPP = 160V,
VNN = -40V
Maximum VSIG Slew Rate
dv/dt
20
20
20
V/ns
VPP = 100V,
V
NN = -100V
20
20
20
VPP = 40V,
VNN = -160V
Off Isolation
KO
-30
-30
-33
-30
dB
f = 5MHz,
1K
Ω//15pF load
-58
-58
-58
dB
f = 5MHz,
50
Ω load
Switch Crosstalk
KCR
-60
-60
-70
-60
dB
f = 5MHz,
50
Ω load
Output Switch Isolation
IID
300
300
300
mA
300ns pulse width,
Diode Current
2.0% duty cycle
Off Capacitance SW to GND
CSG(OFF)
5.0
17
5.0
12
17
5.0
17
pF
0V, 1MHz
On Capacitance SW to GND
C
SG(ON)
25
50
25
38
50
25
50
pF
0V, 1MHz
AC Characteristics (over operating conditions V
DD = 5V, unless otherwise noted)
V
PP = 40V, VNN = -160V, RL = 50Ω
V
PP = 100V, VNN = -100V, RL = 50Ω
V
PP = 160V, VNN = -40V, RL = 50Ω
150
150
150
150
150
150
mV
Output Voltage Spike
+25°C
Units
Characteristics
Sym
Test Conditions
min
typ*
max
+V
SPK
-V
SPK
+V
SPK
-V
SPK
+V
SPK
-V
SPK
*Typical values only for HV232
Electrical Characteristics
*Typical values only for HV232



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com