Electronic Components Datasheet Search
  English  ▼

X  

HV856 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV856
Description  High Voltage Tri-EL Lamp Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV856 Datasheet(HTML) 1 Page - Supertex, Inc

  HV856 Datasheet HTML 1Page - Supertex, Inc HV856 Datasheet HTML 2Page - Supertex, Inc HV856 Datasheet HTML 3Page - Supertex, Inc HV856 Datasheet HTML 4Page - Supertex, Inc HV856 Datasheet HTML 5Page - Supertex, Inc HV856 Datasheet HTML 6Page - Supertex, Inc HV856 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
High Voltage Tri-EL Lamp Driver IC
Features
High voltage, Tri-EL lamp driver with common terminal
Independent brightness control for all three lamps
210V
PP output voltage for higher brightness
1.8V to 6.5V operating supply voltage
Output voltage regulation
Two-pin serial data communication for control
Linear brightness control with seven steps at constant
efficiency
128kHz fixed switching frequency
Split supply capability
Patented high efficiency EL lamp driver
Single miniature inductor drives all three lamps
Only four external components
Burst mode power converter for best efficiency
CMOS compatible serial interface with noise rejection
150nA max. leakage current when disabled
Power-on reset causes all outputs to be off when first
powered up
Available in 10-Lead DFN package (0.8mm thickness)
Applications
Multi-segment, variable displays
Cell phone keypads and displays
MP3 players
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex HV856 is a high voltage, triple EL lamp driver
designed for driving combined EL lamps of up to 3.0in2 (1.0 in2
each). It is a higher voltage version of the HV858. The input
supply voltage range is from 1.8V to 6.5V. The device is de-
signed so that the input voltage to the inductor can differ from
the input voltage to the device (split supply). The device uses
a single inductor and a minimum number of passive compo-
nents. The nominal regulated output voltage that is applied to
the EL lamp is ±105V. The HV856 has two internal oscillators;
one for the internal switching MOSFET and the other for the
high voltage EL lamp driver. The EL lamp frequency is fixed
internally at 500Hz. The power converter oscillator runs 256
times faster than the EL lamp driver at 128kHz.
An external inductor is connected between the LX and VDD
pins (or between the LX pin and separate voltage source in
the case of a split supply application). A 0.002-0.01µF, 200V
capacitor is connected between the CS pin and ground.
The switching MOSFET charges the external inductor and
discharges it into the capacitor at the CS pin. The voltage at
CS will start to increase. Once the voltage at CS reaches a
nominal value of 105V, the switching MOSFET is turned OFF
to conserve power.
One side of the three EL lamps is connected to the COM pin
of the HV856 and the other side to the EL1, EL2, and EL3 pins
of the HV856. Each EL lamp output may be independently
controlled to have one of the seven brightness levels or can
be completely turned OFF by a 10-bit serial data input register.
The 10-bit control code has three bits to control the bright-
ness level of each EL lamp and one bit to optionally control
the power converter. The 3-bit binary brightness control code
controls the number of 500Hz cycles (from 0 to 7) in a group
of seven cycles.
Typical Application Circuit
HV856
LX
CS
+
-
VIN
D
+
-
VDD
EL Lamp 1
7
8
9
10
6
EL Lamp 2
EL Lamp 3
HV856K7
C
IN
Clock
Serial Data in
C
DD
1
2
3
4
5
COM
EL2
CS
EL1
EL3
VDD
GND
LX
SDI
SCK


Similar Part No. - HV856

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
High Voltage Low Noise Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
665Kb / 8P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850MG SUTEX-HV850MG Datasheet
248Kb / 6P
High Voltage Low Noise Inductorless EL Lamp Driver
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850X SUTEX-HV850X Datasheet
248Kb / 6P
High Voltage Low Noise Inductorless EL Lamp Driver
More results

Similar Description - HV856

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV858 SUTEX-HV858 Datasheet
253Kb / 7P
Tri-EL Lamp Driver IC
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
Low Noise, High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
Low Noise, High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
High Voltage EL Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com