Electronic Components Datasheet Search
  English  ▼

X  

HV856 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV856
Description  High Voltage Tri-EL Lamp Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV856 Datasheet(HTML) 4 Page - Supertex, Inc

  HV856 Datasheet HTML 1Page - Supertex, Inc HV856 Datasheet HTML 2Page - Supertex, Inc HV856 Datasheet HTML 3Page - Supertex, Inc HV856 Datasheet HTML 4Page - Supertex, Inc HV856 Datasheet HTML 5Page - Supertex, Inc HV856 Datasheet HTML 6Page - Supertex, Inc HV856 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Logic Truth Table
L = Low (L = 0 to L < 20% of V
DD)
H = High (80% of V
DD < H = VDD)
- = Does not control brightness of the designated EL lamp
HV856
Brightness
Level
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
Device
Disabled
All Lamps Off
LLLLLLLLLL
Device
Enabled
LLLLLLLLL
H
EL1
7/7
H
H
H
-------
6/7
H
H
L
-------
5/7
H
L
H
-------
4/7
H
L
L
-------
3/7
L
H
H
-------
2/7
L
H
L
-------
1/7
L
L
H
-------
OFF
L
L
L
-------
EL2
7/7
---
H
H
H
----
6/7
---
H
H
L
----
5/7
---
H
L
H
----
4/7
---
H
L
L
----
3/7
---
L
H
H
----
2/7
---
L
H
L
----
1/7
---
L
L
H
----
OFF
---
L
L
L
----
EL3
7/7
------
H
H
H
-
6/7
------
H
H
L
-
5/7
------
H
L
H
-
4/7
------
H
L
L
-
3/7
------
L
H
H
-
2/7
------
L
H
L
-
1/7
------
L
L
H
-
OFF
------
L
L
L
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com