Electronic Components Datasheet Search
  English  ▼

X  

HV856 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV856
Description  High Voltage Tri-EL Lamp Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV856 Datasheet(HTML) 5 Page - Supertex, Inc

  HV856 Datasheet HTML 1Page - Supertex, Inc HV856 Datasheet HTML 2Page - Supertex, Inc HV856 Datasheet HTML 3Page - Supertex, Inc HV856 Datasheet HTML 4Page - Supertex, Inc HV856 Datasheet HTML 5Page - Supertex, Inc HV856 Datasheet HTML 6Page - Supertex, Inc HV856 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
EL2
COM
Disable
EL1
EL3
LX
CS
LX
VDD
CIN
GND
SDI
SCK
EL1
EL2
EL3
COM
+
-
VIN
D
V
CS
CS
Enable
V
CS
V
CS
VREF
VSENSE
Logic Control
Switch Osc
Output
Drivers
Note: This drawing is a generalized representation. Actual internal circuitry may differ.
Differential Output Waveform
The following is the differential output waveform across the lamp for each 3-bit input code for each lamp.
Code 111
Code 110
Code 101
Code 100
Code 011
Code 010
Code 001
Code 000
Group of 7 Cycles
500Hz
.....Pattern Repeats....
Functional Block Diagram
HV856



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com