Electronic Components Datasheet Search
  English  ▼

X  

HV856 Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV856
Description  High Voltage Tri-EL Lamp Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV856 Datasheet(HTML) 6 Page - Supertex, Inc

  HV856 Datasheet HTML 1Page - Supertex, Inc HV856 Datasheet HTML 2Page - Supertex, Inc HV856 Datasheet HTML 3Page - Supertex, Inc HV856 Datasheet HTML 4Page - Supertex, Inc HV856 Datasheet HTML 5Page - Supertex, Inc HV856 Datasheet HTML 6Page - Supertex, Inc HV856 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
*Murata Inductor - LQH32CN680
Note: Maximum lamp size for each segment is 1.0 in2. To drive larger size lamps, any combination of EL1, EL2 and EL3 can be paralleled. However,
the 3-bit serial data input code (for each output) should be such that the paralleled outputs have the same code.
LX = 68μH*
CS
3.3nF,
200V
D = BAS21
C
IN
4.7μF
Stream of
Serial Data
(1's and 0's)
C
DD
0.1μF
+
-
VIN
+
-
VDD
EL Lamp 1 (1.0in2)
7
8
9
10
6
EL Lamp 2 (1.0in2)
EL Lamp 3 (1.0in2)
HV856K7
1
2
3
5
COM
EL2
CS
EL1
EL3
VDD
GND
LX
SDI
SCK
4
Typical Performance (V
DD = 3.0V, VIN = 3.3V)
Test Circuit
HV856
1ST 9-bit SDI Code
EL1 Brightness
I
IN (mA)
V
CS (VPEAK)
Level
ft-lm
cd/m2
000111111
0/7
0
0
48.72
103
001111111
1/7
1.93
6.60
50.21
103
010111111
2/7
4.05
13.85
52.42
103
011111111
3/7
6.15
21.03
54.03
103
100111111
4/7
8.20
28.04
55.45
103
101111111
5/7
10.13
34.64
56.63
103
110111111
6/7
12.30
42.07
58.41
103
111111111
7/7
14.80
50.62
60.40
103
HV856 Pinout
Pin
Name
Description
1
LX
Inductor pin
2
GND
Ground pin
3
VDD
Input voltage supply pin. (It is common practice to use a bypass capacitor as close as
possible to the device on this pin)
4
SDI
Serial data input pin
5
SCK
Serial clock input pin
6
EL1
EL Lamp 1 pin
7
EL2
EL Lamp 2 pin
8
EL3
EL Lamp 3 pin
9
COM
Common pin for one side of all three EL lamps
10
CS
High voltage capacitor pin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com