Electronic Components Datasheet Search
  English  ▼

X  

HV9113 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9113 Datasheet(HTML) 7 Page - Supertex, Inc

  HV9113 Datasheet HTML 1Page - Supertex, Inc HV9113 Datasheet HTML 2Page - Supertex, Inc HV9113 Datasheet HTML 3Page - Supertex, Inc HV9113 Datasheet HTML 4Page - Supertex, Inc HV9113 Datasheet HTML 5Page - Supertex, Inc HV9113 Datasheet HTML 6Page - Supertex, Inc HV9113 Datasheet HTML 7Page - Supertex, Inc HV9113 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HV9113
Reference
The Reference of the HV9113 consists of a stable bandgap
reference followed by a buffer amplifier which scales the
voltage up to approximately 4.0V. The scaling resistors of
the reference buffer amplifier are trimmed during manufac-
ture so that the output of the error amplifier, when connected
in a gain of –1 configuration, is as close to 4.0V as possible.
This nulls out any input offset of the error amplifier. As a con-
sequence, even though the observed reference voltage of a
specific part may not be exactly 4.0V, the feedback voltage
required for proper regulation will be.
A ≈ 50KΩ resistor is placed internally between the output of
the reference buffer amplifier and the circuitry it feeds (refer-
ence output pin and non-inverting input to the error ampli-
fier). This allows overriding the internal reference with a low
impedance voltage source ≤6.0V. Using an external refer-
ence reinstates the input offset voltage of the error amplifier,
and its effect of the exact value of feedback voltage required.
Because the reference of the HV9113 is a high impedance
node, and usually there will be significant electrical noise
near it, a bypass capacitor between the reference pin and
VSS is strongly recommended. The reference buffer ampli-
fier is intentionally compensated to be stable with a capaci-
tive load of 0.01 to 0.1µF.
Error Amplifier
The error amplifier in the HV9113 is a true low-power dif-
ferential input operational amplifier intended for around the
amplifier compensation. It is of mixed CMOS-bipolar con-
struction: A PMOS input stage is used so the common mode
range includes ground and the input impedance is very high.
This is followed by bipolar gain stages which provide high
gain without the electrical noise of all-MOS amplifiers. The
amplifier is unity gain stable.
Current Sense Comparators
The HV9113 uses a true dual comparator system with in-
dependent comparators for modulation and current limiting.
This allows the designer greater latitude in compensation
design, as there are no clamps (except ESD protection) on
the compensation pin. Like the error amplifier, the compara-
tors are of low-noise BiCMOS construction.
Remote Shutdown
The shutdown and reset pins of the 9110 can be used to
perform either latching or non-latching shutdown of a con-
verter as required. These pins have internal current source
pull-ups so they can be driven from open drain logic. When
not used they should be left open, or connected to VDD.
Output Buffer
The output buffer of the HV9113 is of standard CMOS con-
struction (P-channel pull-up, N-channel pull-down). Thus the
body-drain diodes of the output stage can be used for spike
clipping if necessary, and external Schottky diode clamping
of the output is not required.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com