Electronic Components Datasheet Search
  English  ▼

X  

HV9113 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9113 Datasheet(HTML) 1 Page - Supertex, Inc

  HV9113 Datasheet HTML 1Page - Supertex, Inc HV9113 Datasheet HTML 2Page - Supertex, Inc HV9113 Datasheet HTML 3Page - Supertex, Inc HV9113 Datasheet HTML 4Page - Supertex, Inc HV9113 Datasheet HTML 5Page - Supertex, Inc HV9113 Datasheet HTML 6Page - Supertex, Inc HV9113 Datasheet HTML 7Page - Supertex, Inc HV9113 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HV9113
BIAS
OUTPUT
+VIN
SENSE
-VIN
FB
VDD
OSC OUT
SHUTDOWN
OSC IN
VREF
DISCHARGE
RESET
COMP
Features
► 10V to 120V Input Voltage Range
► Current-mode control
► High efficiency
► Up to 1.0MHz internal oscillator
► Internal start-up circuit
► Low internal noise
Applications
► DC/DC converters
► Distributed power systems
► ISDN equipment
► PBX systems
► Modems
General Description
The Supertex HV9113 is a BiCMOS/DMOS single-output,
pulse width modulator IC intended for use in high-speed,
high-efficiency switch mode power supplies. It provides all the
functions necessary to implement a single-switch current mode
PWM, in any topology, with a minimum of external parts.
Because the HV9113 utilizes Supertex’s proprietary BiCMOS/
DMOS technology, it requires less than one tenth of the operating
power of conventional bipolar PWM ICs, and can operate at
more than twice their switching frequency. The dynamic range
for regulation is also increased, to approximately 8 times that
of similar bipolar parts. It starts directly from any DC input
voltage between 10 and 120VDC, requiring no external power
resistor. The output stage is push-pull CMOS and thus requires
no clamping diodes for protection, even when significant lead
length exists between the output and the external MOSFET. The
clock frequency is set with a single external resistor.
Accessory functions are included to permit fast remote shutdown
(latching or nonlatching) and under voltage shutdown.
For similar ICs intended to operate directly from up to 450VDC
input, please consult the data sheets for the HV9120 and
HV9123.
For detailed circuit and application information, please refer to
application notes AN-H13 and AN-H21 to AN-H24.
High-Voltage Current-Mode PWM Controller
Ordering Information
Device
Package Option
14-Lead Narrow Body SOIC (NG)
HV9113
HV9113NG-G
Absolute Maximum Ratings
Parameter
Value
Input voltage, V
IN
120V
Logic voltage, V
DD
15.5V
Logic linear input,
FB and sense input voltage
-0.3V to V
DD +0.3V
Storage temperature
-65°C to +150°C
Power dissipation
750mW
Stresses beyond those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions
beyond those indicated in the operational sections of the specifications
is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
-G indicates package is RoHS compliant (‘Green’)
Pin Configuration
Product Marking
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin*
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
HV9113NG
YWW
LLLLLLLL
CCCCCCCCC AAA
14-Lead Narrow Body SOIC (NG)
14-Lead Narrow Body SOIC (NG)


Similar Part No. - HV9113

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9113 SUTEX-HV9113 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9113 MICROCHIP-HV9113 Datasheet
620Kb / 18P
High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9113NG SUTEX-HV9113NG Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9113NG-G MICROCHIP-HV9113NG-G Datasheet
620Kb / 18P
High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9113P SUTEX-HV9113P Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
More results

Similar Description - HV9113

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
High Voltage Current Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
High-Voltage,Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
High-Voltage Current-Mode PWM Controller
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com