Electronic Components Datasheet Search
  English  ▼

X  

HV9113 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9113 Datasheet(HTML) 3 Page - Supertex, Inc

  HV9113 Datasheet HTML 1Page - Supertex, Inc HV9113 Datasheet HTML 2Page - Supertex, Inc HV9113 Datasheet HTML 3Page - Supertex, Inc HV9113 Datasheet HTML 4Page - Supertex, Inc HV9113 Datasheet HTML 5Page - Supertex, Inc HV9113 Datasheet HTML 6Page - Supertex, Inc HV9113 Datasheet HTML 7Page - Supertex, Inc HV9113 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HV9113
Electrical Characteristics (cont.)
(Unless otherwise specified, V
DD = 10V, +VIN = 48V, Discharge = -VIN = 0V, RBIAS = 390KΩ, ROSC = 330KΩ, TA = 25°C.)
Sym
Parameter
#
Min
Typ
Max
Units
Conditions
Pre-regulator/Startup
+V
IN
Input voltage
-
10
-
120
V
I
IN < 10µA; VCC > 9.4V
+
IIN
Input leakage current
-
-
-
10
μA
V
DD > 9.4V
V
TH
Vdd pre-regulator turn-off threshold
voltage
-
8.0
8.7
9.4
V
I
PREREG = 10µA
V
LOCK
Undervoltage lockout
-
7.0
8.1
8.9
V
---
Supply
I
DD
Supply current
-
-
0.75
1.0
mA
C
L < 75pF
I
Q
Quiescent supply current
-
-
0.55
-
mA
Shutdown = -V
IN
I
BIAS
Nominal Bias current
-
-
20
-
μA
---
V
DD
Operating range
-
9.0
-
13.5
V
---
Shutdown Logic
t
SD
Shutdown delay
#
-
50
100
ns
C
L = 500pF, VSENSE = -VIN
t
SW
Shutdown pulse width
#
50
-
-
ns
t
RW
RESET pulse width
#
50
-
-
ns
---
t
LW
Latching pulse width
#
25
-
-
ns
Shutdown and reset low
V
IL
Input low voltage
-
-
-
2.0
V
---
V
IH
Input high voltage
-
7.0
-
-
V
---
I
IH
Input current, input high voltage
-
-
1.0
5.0
μA
V
IN = VDD
I
IL
Input current, input low voltage
-
-
-25
-35
μA
V
IN = 0V
Output
V
OH
Output high voltage
-V
DD - 0.25
-
-
V
I
OUT = 10mA
-V
DD - 0.3
-
-
V
I
OUT = 10mA,
T
A = -55°C to 125°C
V
OL
Output low voltage
-
-
-
0.2
V
I
OUT = -10mA
-
-
-
0.3
V
I
OUT = -10mA,
T
A = -55°C to 125°C
R
OUT
Output resistance
Pull up
-
-
15
25
Ω
I
OUT = ±10mA
Pull down
-
-
8.0
20
Ω
Pull up
-
-
20
30
Ω
I
OUT = ±10mA,
T
A = -55°C to 125°C
Pull down
-
-
10
30
Ω
t
R
Rise time
#
-
30
75
ns
C
L = 500pF
t
F
Fall time
#
-
20
75
ns
C
L = 500pF
Notes:
# Guaranteed by design. Not subject to production test.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com