Electronic Components Datasheet Search
  English  ▼

X  

HV9113 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9113 Datasheet(HTML) 5 Page - Supertex, Inc

  HV9113 Datasheet HTML 1Page - Supertex, Inc HV9113 Datasheet HTML 2Page - Supertex, Inc HV9113 Datasheet HTML 3Page - Supertex, Inc HV9113 Datasheet HTML 4Page - Supertex, Inc HV9113 Datasheet HTML 5Page - Supertex, Inc HV9113 Datasheet HTML 6Page - Supertex, Inc HV9113 Datasheet HTML 7Page - Supertex, Inc HV9113 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
HV9113
Typical Performance Curves
PSRR — Error Amplifier and Reference
1M
10K
100
100K
1K
10
Output Switching Frequency
vs. Oscillator Resistance
1M
100 k
10k
10k
ROSC (Ω)
80
70
60
50
40
30
20
10
0
-10
100
1K
10K
Error Amplifier
Open Loop Gain/Phase
100K
1M
180
120
60
0
-60
-120
-180
Frequency (Hz)
10
6
10
5
10
4
10
3
10
2
10
1
.1
10MHz
1MHz
100Hz
1KHz
10KHz
Error Amplifier Output Impedance (Z0)
100KHz
0
-10
-20
-30
-40
-50
-60
-70
-80
100k
1M
Bias Resistance (
Ω)
107
106
105
1
10
100
V
DD = 10V
V
DD = 12V
Frequency (Hz)
Frequency
RDISCHARGE vs. tOFF (9113 only)
RDISCHARGE (Ω)
103
10-1
102
103
104
R
OSC = 10 0K
R
OSC = 10 K
R
OSC = 1K
104
100
105
101
106
102
Fig. 1
Fig. 2
Fig. 5
Fig. 3
Fig. 4
Fig. 6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com