Electronic Components Datasheet Search
  English  ▼

X  

HT46R652 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
HT46R652
Rev. 1.00
12
December 19, 2006
service routine, the EMI bit and the corresponding bit of
INTC0 or of INTC1 may be set in order to allow interrupt
nesting. If the stack is full, the interrupt request will not
be acknowledged, even if the related interrupt is en-
abled, until the stack pointer is decremented. If immedi-
ate service is desired, the stack should be prevented
from becoming full.
All these interrupts will generate a wake-up function. As
an interrupt is serviced, a control transfer occurs by
pushing the contents of the program counter onto the
stack followed by a branch to a subroutine at the speci-
fied location in the Program Memory. Only the contents
of the program counter is pushed onto the stack. If the
contents of the register or of the status register is altered
by the interrupt service program which corrupts the de-
sired control sequence, the contents should be saved in
advance.
External interrupts are triggered by a an edge transition
on INT0 or INT1, when the related interrupt request flag,
EIF0; bit 4 of INTC0, EIF1; bit 5 of INTC0, is set. The
trigger edge type, high to low, low to high, or both low to
high and or high to low is determined by configuration
option. After the interrupt is enabled, if the stack is not
full, and the external interrupt is active, a subroutine call
to location 04H or 08H occurs. The interrupt request
flag, EIF0 or EIF1, and EMI bits are all cleared to disable
other maskable interrupts.
The internal Timer/Event Counter 0 interrupt is initial-
ised by setting the Timer/Event Counter 0 interrupt re-
quest flag, T0F; bit 6 of INTC0, which is normally caused
by a timer overflow. After the interrupt is enabled, and if
the stack is not full, and the T0F bit is set, a subroutine
call to location 0CH occurs. The related interrupt re-
quest flag, T0F, is reset, and the EMI bit is cleared to dis-
able other maskable interrupts. Timer/Event Counter 1
is operated in the same manner but its related interrupt
request flag is T1F, bit 4 of INTC1, and its subroutine call
location is 10H.
The time base interrupt is initialised by setting the time
base interrupt request flag, TBF; bit 5 of INTC1, that is
caused by a regular time base signal. After the interrupt
is enabled, and the stack is not full, and the TBF bit is
set, a subroutine call to location 14H occurs. The related
interrupt request flag, TBF, is reset and the EMI bit is
cleared to disable further maskable interrupts.
The real time clock interrupt is initialised by setting the
real time clock interrupt request flag, RTF; bit 6 of INTC1,
that is caused by a regular real time clock signal. After the
interrupt is enabled, and the stack is not full, and the RTF
bit is set, a subroutine call to location 18H occurs. The re-
lated interrupt request flag, RTF, is reset and the EMI bit
is cleared to disable further maskable interrupts.
Bit No.
Label
Function
0
EMI
Controls the master (global) interrupt (1=enabled; 0=disabled)
1
EEI0
Controls the external interrupt 0 (1=enabled; 0=disabled)
2
EEI1
Controls the external interrupt 1 (1=enabled; 0=disabled)
3
ET0I
Controls the Timer/Event Counter 0 interrupt (1=enabled; 0=disabled)
4
EIF0
External interrupt 0 request flag (1=active; 0=inactive)
5
EIF1
External interrupt 1 request flag (1=active; 0=inactive)
6
T0F
Internal Timer/Event Counter 0 request flag (1=active; 0=inactive)
7
¾
For test mode used only.
Must be written as
²0²; otherwise may result in unpredictable operation.
INTC0 (0BH) Register
Bit No.
Label
Function
0
ET1I
Controls the Timer/Event Counter 1 interrupt (1=enabled; 0=disabled)
1
ETBI
Controls the time base interrupt (1=enabled; 0:disabled)
2
ERTI
Controls the real time clock interrupt (1=enabled; 0:disabled)
3, 7
¾
Unused bit, read as
²0²
4
T1F
Internal Timer/Event Counter 1 request flag (1=active; 0=inactive)
5
TBF
Time base request flag (1=active; 0=inactive)
6
RTF
Real time clock request flag (1=active; 0=inactive)
INTC1 (1EH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com