Electronic Components Datasheet Search
  English  ▼

X  

HT46R652 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
HT46R652
Rev. 1.00
16
December 19, 2006
TO
PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES Wake-up
1
u
WDT time-out during normal operation
1
1
WDT Wake-up
Note:
²u² stands for unchanged
To guarantee that the system oscillator is started and
stabilised, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses when the sys-
tem awakes from the Power Down mode or during a
power up. When awakened from the Power Down mode
or during a system power-up, the SST delay will be
added.
An extra SST delay is added during the power-up pe-
riod, and any wake-up from the Power Down mode may
enable only the SST delay.
The following table shows how various components of
the microcontroller are affected after a power-on reset
occurs.
Program Counter
000H
Interrupt
Disabled
Prescaler, Divider
Cleared
WDT, RTC, Time Base
Cleared. After master reset,
WDT starts counting
Timer/event Counter
Off
Input/output Ports
Input mode
Stack Pointer
Points to the top of the stack
R E S
V D D
1 0 0 k W
1 0 k W
0 . 1 m F *
0 . 0 1 m F *
Reset Circuit
Note:
²*² Make the length of the wiring, which is con-
nected to the RES pin as short as possible, to
avoid noise interference.
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
t S S T + t O P D
Reset Timing Chart
W D T
H A L T
W D T
T i m e - o u t
R e s e t
E x t e r n a l
R E S
C o l d
R e s e t
P o w e r - o n D e t e c t i o n
S S T
1 0 - b i t R i p p l e
C o u n t e r
O S C 1
W a r m R e s e t
Reset Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com