Electronic Components Datasheet Search
  English  ▼

X  

HT46R652 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
HT46R652
Rev. 1.00
28
December 19, 2006
Low Voltage Reset/Detector Functions
A low voltage detector, LVD, and low voltage reset, LVR, functions are implemented within the microcontroller. These
two functions can be enabled/disabled by options. Once the LVD option is enabled, the user can use the RTCC.3 to en-
able/disable (1/0) the LVD circuit and read the LVD detector status (0/1) from RTCC.5; otherwise, the LVD function is
disabled.
The RTCC register definitions are listed below.
Bit No.
Label
Function
0~2
RT0~RT2
8 to 1 multiplexer control inputs to select the real clock prescaler output
3
LVDC
LVD enable/disable (1/0)
4
QOSC
32768Hz OSC quick start-up oscillator
0/1: quickly/slowly start
5
LVDO
LVD detection output (1/0)
1: low voltage detected, read only
6, 7
¾
Unused bit, read as
²0²
RTCC (09H) Register
The LVR has the same effect or function as the external
RES signal which performs a chip reset. During the
HALT state, both LVR and LVD are disabled.
The microcontroller provides a low voltage reset circuit
in order to monitor the supply voltage of the device. If
the supply voltage of the device is within the range
0.9V~VLVR, such as when changing a battery, the LVR
will automatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in its origi-
nal state for longer than 1ms. If the low voltage state
does not exceed 1ms, the LVR will ignore it and will
not perform a reset function.
· The LVR uses an
²OR² function with the external RES
signal to perform a chip reset.
The relationship between VDD and VLVR is shown below.
Note: VOPR is the voltage range for proper chip
operation with a 4MHz system clock.
5 . 5 V
3 . 0 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of 1024 system
clock pulses before starting normal operation.
*2: Since a low voltage state has to be maintained its original state for over tLVR, therefore after tLVR delay,
the device enters the reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com