Electronic Components Datasheet Search
  English  ▼

X  

HT46R652 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
HT46R652
Rev. 1.00
26
December 19, 2006
LCD Display Memory
The device provides an area of embedded data memory
for the LCD display. This area is located from 40H to
68H of the Data Memory inside Bank 1. The Bank
Pointer, known as BP, is used to select the LCD display
memory. When the BP is set to
²1², any data written into
locations 40H~68H will affect only the LCD display.
When the BP is cleared to
²0² or set to ²2², any data writ-
ten into locations 40H~68H will access the general pur-
pose data memory. The LCD display memory can be
read and written to only by an indirect addressing mode
using MP1. When data is written into the display data
area, it is automatically read by the LCD driver which
then generates the corresponding LCD driving signals.
To turn the display on or off, a
²1² or a ²0² is written to the
corresponding bit of the display memory, respectively.
The figure illustrates the mapping between the display
memory and LCD pattern for the device.
LCD Driver Output
The output number of the device LCD driver can be
41
´2or41´3or40´4 by option, i.e., 1/2 duty, 1/3 duty or
1/4 duty. The LCD driver can either have an
²R² type or
²C² bias type. If the ²R² bias type is selected, no external
capacitors are required. If the
²C² bias type is selected, a
capacitor is required to be connected between the C1
and C2 pins. The LCD driver bias voltage can be 1/2
bias or 1/3 bias, selected via a configuration option. If
the 1/2 bias is selected, a capacitor must be connected
between the V2 pin and ground. If the 1/3 bias is se-
lected, two capacitors are needed for the V1 and V2
pins.
4 0 H
C O M
0
1
2
3
S E G M E N T
4 1 H
4 2 H
4 3 H
6 6 H
6 7 H
6 8 H
B i t
0
1
2
3
0
1
2
3
3 8
3 9
4 0
Display Memory
C O M 0
C O M 1
C O M 2
C O M 3
L C D s e g m e n t s O N
C O M 2 s i d e l i g h t e d
V A
V B
V C
V S S
V S S
V S S
V S S
V S S
V A
V B
V C
V A
V B
V C
V A
V B
V C
V A
V B
V C
N o t e : 1 / 4 d u t y , 1 / 3 b i a s , C t y p e : " V A " 3 / 2 V L C D , " V B " V L C D , " V C " 1 / 2 V L C D
1 / 4 d u t y , 1 / 3 b i a s , R t y p e : " V A " V L C D , " V B " 2 / 3 V L C D , " V C " 1 / 3 V L C D
LCD Driver Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com