Electronic Components Datasheet Search
  English  ▼

X  

HT48R52 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT48R52
Description  I/O Type 8-Bit MCU
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R52 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT48R52 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock (RC OSC)
¾ 2.2V~5.5V
400
¾
4000
kHz
¾ 3.3V~5.5V
400
¾
8000
kHz
fTIMER
Timer I/P Frequency
¾ 2.2V~5.5V
0
¾
4000
kHz
¾ 3.3V~5.5V
0
¾
8000
kHz
tWDTOSC Watchdog Oscillator Period
3V
¾
45
90
180
ms
5V
¾
32
65
130
ms
tFSP1
fSP Time-out Period Clock Source
from WDT
3V
With prescaler (fS/4096)
184
369
737
ms
5V
131
266
532
ms
tFSP2
fSP Time-out Period Clock Source
from RTC OSC
3V
With prescaler (fS/4096)
¾
125
¾
ms
5V
¾
125
¾
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up Timer Period
¾
Power-up or wake-up
from HALT
¾
1024
¾
*tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note:
*tSYS= 1/fSYS
HT48R52/HT48R53
Rev. 1.20
5
December 6, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com