Electronic Components Datasheet Search
  English  ▼

X  

HT48R52 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48R52
Description  I/O Type 8-Bit MCU
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R52 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48R52 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
HT48R52/HT48R53
I/O Type 8-Bit MCU
Rev. 1.20
1
December 6, 2005
General Description
These devices are 8-bit high performance, RISC archi-
tecture microcontroller specifically designed for multiple
I/O control product applications. The advantages of low
power consumption, I/O flexibility, timer functions, oscil-
lator options, HALT and wake-up functions, watchdog
timer, buzzer driver, as well as low cost, enhance the
versatility of these devices to suit a wide range of appli-
cation possibilities such as industrial control, consumer
products, subsystem controllers, etc.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· Program memory:
HT48R52: 2k
´14
HT48R53: 4k
´15
· 88´8 data memory
· 40 bidirectional I/O lines
· One External interrupt input
· One Internal interrupt
· 8 bit programmable timer/event counter
· 4-level subroutine nesting
· Watchdog Timer (WDT)
· Buzzer output
· Low voltage reset (LVR)
· External RC and 32768Hz crystal oscillator
· Dual clock system offers three operating modes
- Normal mode: Both RC and 32768Hz clock active
- Slow mode: 32768Hz clock only
- Idle mode: Periodical wake-up by watchdog timer
overflow
· HALT function and wake-up feature reduce power
consumption
· 14-bit table read instructions for HT48R52
· 15-bit table read instructions for HT48R53
· 63 powerful instructions
· One instruction cycle: 4 system clock periods
· All instructions in 1 or 2 instruction cycles
· Bit manipulation instructions
· Up to 0.5ms instruction cycle with 8MHz system clock
· 52-pin QFP package
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0002E Reading Larger than Usual MCU Tables
- HA0007E Using the MCU Look Up Table Instructions
- HA0011E HT48 & HT46 Keyboard Scan Program
- HA0019E Using the Watchdog Timer in the HT48 MCU Series
- HA0020E Using the Timer/Event Counter in the HT48 MCU Series


Similar Part No. - HT48R52

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R52A HOLTEK-HT48R52A Datasheet
258Kb / 36P
I/O Type 8-Bit OTP MCU with 16x16 High Current LED Driver
April 25, 2007
HT48R52A HOLTEK-HT48R52A Datasheet
252Kb / 35P
I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
HT48R52A HOLTEK-HT48R52A_10 Datasheet
252Kb / 35P
I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
HT48R52A HOLTEK-HT48R52A_14 Datasheet
816Kb / 36P
44-pin QFP / LQFP
2014-04-03
More results

Similar Description - HT48R52

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R70A-1 HOLTEK-HT48R70A-1 Datasheet
273Kb / 40P
I/O Type 8-Bit MCU
June 9, 2004
HT48R10A-1 HOLTEK-HT48R10A-1 Datasheet
263Kb / 38P
I/O Type 8-Bit MCU
November 4, 2005
HT48R50A-1 HOLTEK-HT48R50A-1 Datasheet
307Kb / 41P
I/O Type 8-Bit MCU
March 8, 2006
HT48RU80 HOLTEK-HT48RU80 Datasheet
448Kb / 54P
I/O Type 8-Bit MCU
April 12, 2006
HT48R30A-1 HOLTEK-HT48R30A-1 Datasheet
297Kb / 40P
I/O Type 8-Bit MCU
November 4, 2005
HT48R70A-1 HOLTEK-HT48R70A-1_07 Datasheet
301Kb / 39P
I/O Type 8-Bit MCU
August 7, 2007
HT82K70E-L HOLTEK-HT82K70E-L_11 Datasheet
397Kb / 59P
I/O Type 8-Bit MCU
HT48R10A-1 HOLTEK-HT48R10A-1_09 Datasheet
252Kb / 37P
I/O Type 8-Bit MCU
HT48R30A-1 HOLTEK-HT48R30A-1_09 Datasheet
269Kb / 39P
I/O Type 8-Bit MCU
HT48R50A-1 HOLTEK-HT48R50A-1_09 Datasheet
280Kb / 39P
I/O Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com