Electronic Components Datasheet Search
  English  ▼

X  

HT48R52 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT48R52
Description  I/O Type 8-Bit MCU
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R52 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT48R52 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R52 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
HT48R52/HT48R53
Rev. 1.20
17
December 6, 2005
the pull-high resistor is absent. It should be noted that a
non-pull-high I/O line operating in input mode will cause
a floating state.
Low Voltage Reset
- LVR
The microcontroller provides a low voltage reset circuit
in order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~VLVR, such as changing a battery, the LVR will au-
tomatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in their
original state for more than 1ms. If the low voltage
state does not exceed 1ms, the LVR will ignore it and
do not perform a reset function.
· The LVR uses the
²OR² function with the external
RES signal to perform a chip reset.
The relationship between VDD and VLVR is shown below.
Note:
VOPR is the voltage range for proper chip opera-
tion at 4MHz system clock.
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of
1024 system clock pulses before entering the normal operation.
*2: Since low voltage has to be maintained for more than 1ms, therefore a 1ms delay is provided before
entering the reset mode.
5 . 5 V
3 . 0 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
Options
The following table shows all kinds of options in the microcontroller. All of the options must be defined to ensure having
a proper functioning system.
Items
Options
1
PA7~PA0 bit wake-up enable or disable (by bit)
2
PA, PB, PC, PD, PE pull-high enable or disable (by port)
3
WDT clock source: WDT oscillator or fSYS/4 or 32768Hz oscillator
4
WDT enable or disable
5
CLRWDT instructions: 1 or 2 instructions
6
Timer/event counter clock sources: fSYS/4 or fSP
7
PB0, PB1: normal I/O or Buzzer function
8
Buzzer frequency: fS/2, fS//4, fS/8, fS//16
9
LVR enable or disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com