| Electronic Components Datasheet Search |
|
HT48R52 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48R52 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc |
|
16 / 35 page ![]() HT48R52/HT48R53 Rev. 1.20 16 December 6, 2005 Input/Output Ports There are 16 bidirectional input/output lines and 24 NMOS input/output in the microcontroller, labeled from PA to PE, which are mapped to the data memory of [12H], [14H], [16H], [18H] and [1AH] respectively. All pins on PA~PE can be used for both input and output operations. For the input operation, these ports are non-latching, that is, the inputs must be ready at the T2 rising edge of instruction ²MOV A,[m]² (m=12H, 14H, 16H, 18H, 1AH). For output operation, all the data is latched and remains unchanged until the output latch is rewritten. The PA and PB have their own control registers (PAC, PBC) to control the input/output configuration. These two control registers are mapped to locations 13H and 15H. CMOS output or Schmitt trigger input with struc- tures can be reconfigured dynamically under software control. The control registers specifies which pin are set as input and which are set as outputs. To setup a pin as an input the corresponding bit of the control register must be set high, for an output it must be set low. The PC, PD and PE can also be used for both input and out- put operations, these ports are not achieved through the use of port control registers. Setting up an I/O pin as in- put is achieved by first setting its output high which ef- fectively places its NMOS output transistor in high impedance state allowing the pin to be now used as an input. After a chip reset, these input/output lines remain at high levels or floating state (depending on the pull-high op- tions). Each bit of these input/output latches can be set or cleared by ²SET [m].i² and ²CLR [m].i² (m=12H, 14H, 16H, 18H or 1AH) instructions. Some instructions first input data and then follow the output operations. For example, ²SET [m].i², ²LR [m].i², ²CPL [m]², ²CPLA [m]² read the entire port states into the CPU, execute the defined operations (bit-operation), and then write the results back to the latches or the ac- cumulator. Each line of port A has the capability of waking-up the device. There is a pull-high option available for all I/O lines (port option). Once the pull-high option of an I/O line is se- lected, the I/O line have pull-high resistor. Otherwise, V D D P C 0 ~ P C 7 P D 0 ~ P D 7 P E 0 ~ P E 7 D Q C K Q S D a t a B i t P U D a t a B u s W r i t e D a t a R e g i s t e r C h i p S e l e c t R e a d D a t a R e g i s t e r P u l l - u p PC, PD, PE Input/Output Ports V D D P A 0 ~ P A 7 P B 0 ~ P B 7 M U X M U X B u z z e r O p t i o n ( P B 0 , P B 1 O n l y ) W a k e - u p O p t i o n S y s t e m W a k e - u p ( P A o n l y ) R e a d D a t a R e g i s t e r P B 0 / P B 1 B Z / B Z ( P B 0 , P B 1 O n l y ) D Q C K Q S D Q C K Q S C o n t r o l B i t P U D a t a B u s W r i t e C o n t r o l R e g i s t e r C h i p R e s e t R e a d C o n t r o l R e g i s t e r W r i t e D a t a R e g i s t e r D a t a B i t PA, PB Input/Output Ports |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |