Electronic Components Datasheet Search
  English  ▼

X  

HT48R53 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT48R53
Description  I/O Type 8-Bit MCU
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R53 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT48R53 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R53 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Application Circuits
Note:
The resistance and capacitance for reset circuit should be designed in such a way as to ensure that the VDD is
stable and remains within a valid operating voltage range before bringing RES to high.
²*² Make the length of the wiring, which is connected to the RES pin as short as possible, to avoid noise
interference.
HT48R52/HT48R53
Rev. 1.20
18
December 6, 2005
H T 4 8 R 5 2 / H T 4 8 R 5 3
R E S
0 . 1 m F *
1 0 0 k W
V D D
V S S
0 . 1 m F
V D D
0 . 0 1 m F *
1 0 k W
O S C 3
O S C 4
P A 0 ~ P A 7
P B 4 ~ P B 7
P C 0 ~ P C 7
P B 0 / B Z
P B 1 / B Z
V D D
O S C 1
T E S T
4 7 0 p F
P D 0 ~ P D 7
P E 0 ~ P E 7
P B 2 / I N T
P B 3 / T M R
1 3 0 k W ~
2 . 4 M W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com