Electronic Components Datasheet Search
  English  ▼

X  

AMS4106 Datasheet(PDF) 7 Page - Advanced Monolithic Systems

Part # AMS4106
Description  5A SYNCHRONUS PWM BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4106 Datasheet(HTML) 7 Page - Advanced Monolithic Systems

Back Button AMS4106 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 6Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 7Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 8Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 9Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 10Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 11Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS4106
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
FIG.7
FIG.8
Load Transient test performance 0.5A to 4A/10 µs
Supply current through transient event (0.5-4A)
Scale 100mV division, Current/ fall time 10 µs
Current scale is 0.5A per division
FIG. 9
FIG. 10
Output Ripple at 3A Load
Supply ripple current at 4A (200mA per division)
FIG. 11
FIG. 12
Start up current with 2A load
Input Current during start up and shutdown.
Current is 200mA per division.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com