Electronic Components Datasheet Search
  English  ▼

X  

AMS4106 Datasheet(PDF) 9 Page - Advanced Monolithic Systems

Part # AMS4106
Description  5A SYNCHRONUS PWM BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4106 Datasheet(HTML) 9 Page - Advanced Monolithic Systems

Back Button AMS4106 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 6Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 7Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 8Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 9Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 10Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 11Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS4106
DETAIL DESCRIPTION and GUIDELINES (continued)
Reference Circuit
A high precision bandgap is used giving a low TC and good supply rejection. The output is attenuated to give a reference
voltage of 0.600V making it suitable for very low output voltage applications.
COMPENSATION
The converter is of the current mode topology considered simplifying the selection of compensation components. For most
voltages this simple formula is a good starting point
Ccomp = 15e-9/Vout for L = 10e-6 and Cout = 44e-6
Ccomp is proportional to the output inductors and output capacitor
Rcomp = 18e3/Vout
Output capacitor Cout, is a function of the maximum current and ripple required.
Multiple capacitors may be required to give the optimum ripple and transient response.
The stability is not that critical for varying Cout, however to prevent OCP during fast load transients Ccomp, has to be increased
in proportion to Cout.
The current gain of the output stage is approximately 6A/volt
The running transconductance output current is
Sourcing current
95 µA
Sinking current
85 µA
This equates to about 600e-6 mohs
For best transient response each application is unique and these components should only be used as a starting point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com