Electronic Components Datasheet Search
  English  ▼

X  

AMS4106 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS4106
Description  5A SYNCHRONUS PWM BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4106 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS4106 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 6Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 7Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 8Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS4106
ABSOLUTE MAXIMUM RATINGS
VIN
-0.3V to 30V
LX
Internally Limited
F/B
-0.3 to 8.0V
FDR (steady state current)
500 mA
EN
-0.3V to 8.0V
COMP
3 mA
FSET
-0.3V to 4.0V
FDR (steady state current)
100 mA
SS
-0.3V to 4.0V
LX (steady state current)
500 mA
BST
VI (PH) + 8.0V
COMP
3 mA
FDR
-0.3V to 8.5V
SS PWRGD
10 mA
PWRGD
0.3V to 30V
AGND to PGND
±0.3V
COMP
0.3V to 30V
ESD
2kV
LX
-1.5V to 30V
Junction Temperature
+150°C
Lead Temperature1,6 mm for 10 sec.
260°C
Storage Temperature
-65°C to +150°C
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TJ = 25 °C and Vin=12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AMS4106
Min.
Typ.
Max.
Units
SUPPLY CURRENT
IQ
Quiescent current
Operating Current, LX pin open,
No external low side MOSFET,
3
12
mA
Shutdown, EN= 0V
0.5
µA
Start threshold voltage
4.32
4.49
V
Stop threshold voltage
3.69
3.97
V
VIN
Hysteresis
350
mV
REFERENCE SYSTEM ACCURACY
TJ = 25
oC
0.588
0.600
0.612
V
Reference voltage
TJ = 125
oC
0.600
V
OSCILLATOR (RT PIN)
F set open
200
250
300
F set to GND
kHz
Internally set PWM switching
frequency
F set to VCC
kHz
ERROR AMPLIFIER F/B and COMP PINS
Error amplifier Sink current
Running
60
85
µA
Error amplifier Source current
Running
1.0
98
µA
Error amplifier Source current
Start-up
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com