Electronic Components Datasheet Search
  English  ▼

X  

AMS4106 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS4106
Description  5A SYNCHRONUS PWM BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4106 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS4106 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 6Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 7Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 8Page - Advanced Monolithic Systems AMS4106 Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS4106
ELECTRICAL CHARACTERISTICS (continued)
Electrical Characteristics at TJ = -40 °C to 125 °C and Vin = 4.5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
AMS4106
Min.
Typ.
Max.
Units
Soft Start (SS)
2.22
µA
f = 250 kHz
4.6
Internal soft start (10% to 90%)
f = 500 kHz
2.3
ms
POWER GOOD (PWRGD PIN)
Power good threshold
Rising voltage
95%
f = 250 kHz
4
Rising edge delay
f = 500 kHz
2
ms
Output saturation voltage
Isink = 1 mA, VIN > 4.5 V
0.05
V
Output saturation voltage
Isink = 1 µA, VIN = 0 V
0.075
V
PWR
GD
Open collector leakage
Voltage on PWRGD = 6 V
2
µA
CURRENT LIMIT
Current limit
VIN = 12
6.1
6.5
7.5
A
Current limit Hiccup Time
f = 500 kHz
4.5
ms
THERMAL SHUTDOWN
Thermal shutdown trip point
145
°C
Thermal shutdown hysteresis
(1)
10
°C
LOW SIDE EXTERNAL FET DRIVE
VIN = 4.5V, Capacitive load = 1000 pF
15
Turn on rise time, (10%/90%)
(1)
VIN = 8 V, Capacitive load = 1000 pF
12
ns
Deadtime
(1)
VIN = 12 V
60
ns
VIN = 4.5 V sink/ source
7.5
Driver ON resistance
VIN = 12 V sink/ source
5
Ω
OUTPUT POWER MOSFETS (LX PIN)
Lx node voltage when disabled
DC conditions and no load, EN = 0 V
0.5
V
VIN = 4.5 V, Idc = 100 mA
1.13
1.42
Voltage drop, low side FET and
diode
VIN = 12 V, Idc = 100 mA
1.08
1.38
V
VIN = 4.5 V, BST-LX = 4.5 V, Io = 0.5 A
60
rDS (ON) High side power switch
VIN = 12 V, BST-LX = 8 V, Io = 0.5 A
40
m Ω
(1) Specified by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com