Electronic Components Datasheet Search
  English  ▼

X  

SC805 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC805
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC805 Datasheet HTML 5Page - Semtech Corporation SC805 Datasheet HTML 6Page - Semtech Corporation SC805 Datasheet HTML 7Page - Semtech Corporation SC805 Datasheet HTML 8Page - Semtech Corporation SC805 Datasheet HTML 9Page - Semtech Corporation SC805 Datasheet HTML 10Page - Semtech Corporation SC805 Datasheet HTML 11Page - Semtech Corporation SC805 Datasheet HTML 12Page - Semtech Corporation SC805 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
 2005 Semtech Corp.
www.semtech.com
SC805
POWER MANAGEMENT
Applications Information (Cont.)
The CHRGB indicator operates the same way in both
charge and LDO mode.
The CHRGB output can be used for a VCC indicator. When
the SC805 is enabled the CHRGB output is either high
or low providing the VCC input is above UVLO. Alternately
an LED connected to VCCIL can be used for a VCC indi-
cator as shown in the typical application schematic on
the front page of the datasheet.
There are five fault modes detected by the SC805; (In-
put under voltage, input over voltage, NTC temperature,
Max die temperature or OT and pre-charge timeout). The
LED states for these fault modes are shown below.
t
l
u
a
FB
G
R
H
C
O
L
V
U
C
C
V
Z
-
h
g
i
H
P
V
O
C
C
V
g
n
i
k
n
il
B
t
l
u
a
F
C
T
N
g
n
i
k
n
il
B
t
u
o
-
e
m
i
T
e
g
r
a
h
C
-
e
r
P
g
n
i
k
n
il
B
0
5
1
>
j
T
o
C
g
n
i
k
n
il
B
Overcurrent and Max Temperature Protection
Overcurrent protection is inherent in all modes of opera-
tion. When the device is in charge-mode the output is
current limited to either the pre-charge current limit value
or the fast charge current limit value depending on the
voltage at the output. When the device is in LDO mode
the output current is limited to the fast charge current
limit. Max die temperature protection is included on the
SC805. This feature allows the SC805 to operate with
maximum power dissipation by disabling the output cur-
rent when the die temperature reaches OT. The result is
that the SC805 will operate as a pulse charger in ex-
treme power dissipation applications delivering the maxi-
mum allowable output current while regulating the inter-
nal die temperature to a safe level.
Layout Guidelines
The two most critical aspects of the pcb layout are the
power path and thermal layout. The power path starts
at the Adapter + input and runs to the VCC input of the
SC805, then from the Vout pin of the SC805 to the Bat-
tery + terminal, and completes with the return trace from
the battery - terminal to the adapter - input. All of these
traces need to be designed to handle the required charg-
ing current. The trace from Vout of the SC805 is most
critical and should be made as wide as possible to mini-
mize IR drops between the regulated voltage at the
SC805 vout pin and the battery terminal. Keep the
Adapter+ to SC805 VCC input trace wide to minimize
voltage drops that will add to the dropout voltage of the
SC805. The GND pin of the SC805 should be connected
in a kelvin fashion at the Battery-terminal to eliminate
voltage drops in the return path which reduce the regu-
lated battery voltage.
The thermal performance of the SC805 package requires
a low impedance connection from the heat slug on the
bottom of the package to an external ground plane. This
is best accomplished by using a single large via under
the device connected to a ground plane on the bottom
exposed side of the pcb. The evaluation board uses 1
square inch of copper on the bottom of the pcb and is
capable of 1A charging current.
The input and output bulk decoupling capacitors for the
SC805 should be placed near the external terminals for
the adapter and battery. This short low impedance loop
is for the high current spikes that result from input/out-
put hot-plugging of the charger. To minimize these cur-
rent spikes the value of the decoupling capacitor should
be minimized. A typical application requires a 0.1µF in-
put/output capacitor. If the distance from the external
terminals to the SC805 is greater than 1”, 0.1µ local
decoupling capacitors at the SC805 may be required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com