Electronic Components Datasheet Search
  English  ▼

X  

SC805 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC805
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC805 Datasheet HTML 7Page - Semtech Corporation SC805 Datasheet HTML 8Page - Semtech Corporation SC805 Datasheet HTML 9Page - Semtech Corporation SC805 Datasheet HTML 10Page - Semtech Corporation SC805 Datasheet HTML 11Page - Semtech Corporation SC805 Datasheet HTML 12Page - Semtech Corporation SC805 Datasheet HTML 13Page - Semtech Corporation SC805 Datasheet HTML 14Page - Semtech Corporation SC805 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
 2005 Semtech Corp.
www.semtech.com
SC805
POWER MANAGEMENT
Typical Characteristics
Batte ry Ch a rg e Pro file
3
3.2
3.4
3.6
3.8
4
4.2
4.4
TIM E
0
0.1
0.2
0.3
0.4
0.5
0.6
V C H AR G E
V C HRG B
I C H A R G E
Pre-Charge/Termination Current -vs- Rterm
0
10
20
30
40
50
60
70
80
90
Rterm Value (ohms)
Pre-Charge Current
Fast Charge Current -vs- Rprgm Value
0
100
200
300
400
500
600
700
800
900
Rpgrm Value (ohms)
FastC harge C urrent
Charge Tim er -vs- Rtim e
0
20
40
60
80
100
120
140
Rtim e (ohm s)
0
1
2
3
4
5
6
7
8
9
Pre-C harge Time-out
Fast-C harge Timeout
Drop-out Voltage f(Iout)
0
0.05
0.1
0.15
0.2
0.25
100
250
500
Output Current (mA)
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
Vdrop
Rout
VCHRGB voltage not to
scale, shown to indicate
timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com