Electronic Components Datasheet Search
  English  ▼

X  

SC805 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC805
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805 Datasheet(HTML) 1 Page - Semtech Corporation

  SC805 Datasheet HTML 1Page - Semtech Corporation SC805 Datasheet HTML 2Page - Semtech Corporation SC805 Datasheet HTML 3Page - Semtech Corporation SC805 Datasheet HTML 4Page - Semtech Corporation SC805 Datasheet HTML 5Page - Semtech Corporation SC805 Datasheet HTML 6Page - Semtech Corporation SC805 Datasheet HTML 7Page - Semtech Corporation SC805 Datasheet HTML 8Page - Semtech Corporation SC805 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
www.semtech.com
SC805
Miniature Integrated High Current
Lithium-Ion Battery Charger
POWER MANAGEMENT
C1
1uF
BATTERY
R7
1k
SC805
1
7
9
4
5
10
2
8
3
6
VCC
EN/NTC
RTIME
IPRGM
ITERM
CHRGB
VCCIL
NOBAT
VOUT
GND
R4
3.01k
t
RT1
Thermistor
D2
LED
C1
2.2uF
Charging
Indicator
D3
LED
R5
3.01k
R2
3.01k
R1
3.01k
SC805 typical Application Circuit
D1
LED
CHARGER VIN
R3
3.01k
Adapter
Present
Indicator
Charge
Complete
Indicator
R6
1k
August 22, 2005
Description
Features
Applications
Typical Application Circuit
Fully integrated charger with FET pass transistor,
reverse-blocking diode, sense resistor and thermal
protection
High Accuracy Charge Current*
Tiny 3mm x 3mm 10 lead MLP package
Programmable precharge, fastcharge & termination
current
Battery voltage controlled to 1% accuracy
Built in timer for protection and complete charging
NTC interface with battery detection
Soft-start for step load and adaptor plug-in
Up to 1A continuous charge current
Input voltage range from 3V to 6V allows seamless
charging from current limited adapter
Provides adapter voltage VCCIL to power external
accessories
Battery Present detection and output indicator
Operates in charger or LDO-mode without battery
0.1µA battery drain current in shutdown and
monitor modes
Over current protection in all charging modes
CHRGB output communicates charging and end of
charge cycle
*Patent Pending
The SC805 is a fully integrated, single cell, constant-cur-
rent (CC)/constant-voltage (CV) Lithium-Ion battery
charger in a tiny 3x3 mm thermally enhanced lead free
MLP package. The SC805 can operate as a stand-alone
charger or in conjunction with a Power Management Con-
troller (PMIC).
The SC805 has a pre-charge function for trickle charging
deeply discharged batteries. The fast charge current is
enabled automatically when the battery voltage reaches
the required threshold. When the battery reaches the
constant voltage or CV portion of the charge curve the
SC805 switches to CV regulation mode. In this mode
the output current decays as the battery charges until
the termination current is reached and the SC805 sig-
nals the charge cycle is complete. The SC805 can be
configured to continue charging for a predetermined time
before turning off, or to turn off immediately upon termi-
nation. After turning off its output, The SC805 enters
monitor mode. If the battery voltage drops by 100mV
from the CV voltage a new charge cycle will begin. The
timer function also protects against charging faulty bat-
teries by turning off if the pre-charge time exceeds 1/4
of the total programmed charge duration.
The SC805 also provides battery detection, and a bat-
tery NTC thermistor interface to disable charging when
the battery temperature exceeds safe-to-charge limits.
The SC805 can also function as a general purpose cur-
rent source or as a current source for charging nickel-
cadmium (NiCd) and nickel-metal-hydride (NiMH) batter-
ies.
Cellular phones
PDA’s
Handheld meters
Charging stations
USB chargers
Digital cameras
Programmable current source


Similar Part No. - SC805

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC8051 FAIRVIEW-SC8051 Datasheet
27Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM .200"
REV A
logo
Semtech Corporation
SC805A SEMTECH-SC805A Datasheet
702Kb / 17P
Miniature Integrated High Current Lithium-Ion Battery Charger
SC805A SEMTECH-SC805A Datasheet
424Kb / 17P
Miniature Integrated High Current Lithium-Ion Battery Charger
SC805AEVB SEMTECH-SC805AEVB Datasheet
702Kb / 17P
Miniature Integrated High Current Lithium-Ion Battery Charger
SC805AEVB SEMTECH-SC805AEVB Datasheet
424Kb / 17P
Miniature Integrated High Current Lithium-Ion Battery Charger
More results

Similar Description - SC805

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Semtech Corporation
SC803 SEMTECH-SC803 Datasheet
737Kb / 17P
Fully Integrated High Current Lithium-Ion Battery Charger System
SC801 SEMTECH-SC801 Datasheet
360Kb / 17P
Fully Integrated High Currnet Lithium-Ion Battery Charger System
SC806 SEMTECH-SC806 Datasheet
413Kb / 13P
Miniature High Current Lithium-Ion Battery Charger
SC805A SEMTECH-SC805A Datasheet
702Kb / 17P
Miniature Integrated High Current Lithium-Ion Battery Charger
SC801 SEMTECH-SC801_04 Datasheet
736Kb / 17P
Fully Integrated High Current Lithium-Ion Battery Charger System
SC805A SEMTECH-SC805A_08 Datasheet
424Kb / 17P
Miniature Integrated High Current Lithium-Ion Battery Charger
logo
Analog Devices
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
Lithium-Ion Battery Charger
REV. A
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
Lithium ion battery charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com