Electronic Components Datasheet Search
  English  ▼

X  

SC805 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC805
Description  Miniature Integrated High Current Lithium-Ion Battery Charger
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC805 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC805 Datasheet HTML 7Page - Semtech Corporation SC805 Datasheet HTML 8Page - Semtech Corporation SC805 Datasheet HTML 9Page - Semtech Corporation SC805 Datasheet HTML 10Page - Semtech Corporation SC805 Datasheet HTML 11Page - Semtech Corporation SC805 Datasheet HTML 12Page - Semtech Corporation SC805 Datasheet HTML 13Page - Semtech Corporation SC805 Datasheet HTML 14Page - Semtech Corporation SC805 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
 2005 Semtech Corp.
www.semtech.com
SC805
POWER MANAGEMENT
Typical Characteristics (Cont.)
Fast Charge Current Line Regulation f(vin)
492
493
494
495
496
497
498
499
500
501
502
4.3 4.5 4.7 4.9 5.1 5.5 5.75 6
6.5
Input Voltage VCC (V)
-5.00%
-4.00%
-3.00%
-2.00%
-1.00%
0.00%
1.00%
2.00%
3.00%
4.00%
5.00%
FastChargeCurrent
FastChargeError(%)
CC Current Limit, Vcc < 4.2V
350.0
370.0
390.0
410.0
430.0
450.0
470.0
490.0
510.0
Input Voltage Vcc (volts)
-30.00%
-25.00%
-20.00%
-15.00%
-10.00%
-5.00%
0.00%
5.00%
Fast-ChargeCurrent
% Error
Pre-Charge Current Limit, Vcc < 4.2V
35.0
37.0
39.0
41.0
43.0
45.0
47.0
49.0
51.0
Input Voltage Vcc (volts)
-30.00%
-25.00%
-20.00%
-15.00%
-10.00%
-5.00%
0.00%
5.00%
Pre-ChargeCurrent
% Error
Output Voltage Line Regulation f(Vin, Iout)
4.201
4.202
4.203
4.204
4.205
4.206
4.207
4.208
4.209
4.21
4.5
5.0
5.5
6.0
6.5
Input Voltage VCC (V)
-0.10%
-0.08%
-0.06%
-0.04%
-0.02%
0.00%
0.02%
0.04%
0.06%
0.08%
0.10%
Unloaded Vout
Loaded Vout
Unloaded Error(%)
Loaded Error(%)
Output Voltage Load Regulation f(Iout)
4.204
4.205
4.206
4.207
4.208
4.209
4.21
4.211
Output Current (mA)
-0.10%
-0.09%
-0.08%
-0.07%
-0.06%
-0.05%
-0.04%
-0.03%
-0.02%
-0.01%
0.00%
Loaded Vout
Loaded Error(%)
Fast Charge Current Line Regulation f(vout)
495
496
497
498
499
500
501
Output Voltage Vout (V)
-5.00%
-4.00%
-3.00%
-2.00%
-1.00%
0.00%
1.00%
2.00%
3.00%
4.00%
5.00%
FastChargeCurrent
FastChargeError(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com