Electronic Components Datasheet Search
  English  ▼

X  

SC615 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC615
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC615 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC615 Datasheet HTML 4Page - Semtech Corporation SC615 Datasheet HTML 5Page - Semtech Corporation SC615 Datasheet HTML 6Page - Semtech Corporation SC615 Datasheet HTML 7Page - Semtech Corporation SC615 Datasheet HTML 8Page - Semtech Corporation SC615 Datasheet HTML 9Page - Semtech Corporation SC615 Datasheet HTML 10Page - Semtech Corporation SC615 Datasheet HTML 11Page - Semtech Corporation SC615 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC615
Typical Characteristics
Flash Duration
Flash Current at 500ms
Flash Current at 100ms
Flash Current at 10ms
VOUT = 3.53V(start) to 3.40V(LED heated 500ms)
VOUT = 3.4V
VOUT = 3.46V
VOUT = 3.53V
100mA Spotlight Current
VOUT = 2.93V
460
480
500
520
540
0
100
200
300
400
500
Pulse Duration [ms]
VIN=4.2V
VIN=3.75V
VIN=3.3V
460
480
500
520
540
3.30
3.45
3.60
3.75
3.90
4.05
4.20
VIN [V]
460
480
500
520
540
3.30
3.45
3.60
3.75
3.90
4.05
4.20
VIN [V]
460
480
500
520
540
3.30
3.45
3.60
3.75
3.90
4.05
4.20
VIN [V]
70.0
85.0
100.0
115.0
130.0
3.00
3.45
3.90
4.35
4.80
5.25
VIN [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com