Electronic Components Datasheet Search
  English  ▼

X  

SC615 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC615
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC615 Datasheet(HTML) 3 Page - Semtech Corporation

  SC615 Datasheet HTML 1Page - Semtech Corporation SC615 Datasheet HTML 2Page - Semtech Corporation SC615 Datasheet HTML 3Page - Semtech Corporation SC615 Datasheet HTML 4Page - Semtech Corporation SC615 Datasheet HTML 5Page - Semtech Corporation SC615 Datasheet HTML 6Page - Semtech Corporation SC615 Datasheet HTML 7Page - Semtech Corporation SC615 Datasheet HTML 8Page - Semtech Corporation SC615 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC615
Unless otherwise specified: T
A = 25°C for TYP, -40°C to +60°C for MIN and MAX;
C
BUCKET = COUT = 1.0µF (ESR < 0.1Ω); VIN = 3.0V to 5.25V; CIN = 10.0µF; RISET = 0.5Ω (0.1%).
Notes:
(1) Guaranteed by design - not tested in production.
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
I
Q
h
g
i
h
H
S
A
L
F4
.
35
A
m
h
g
i
h
L
R
T
C
,
w
o
l
H
S
A
L
F0
.
25
.
4A
m
w
o
l
L
R
T
C
,
w
o
l
H
S
A
L
F1
.
02
A
µ
n
o
it
a
r
u
D
e
s
l
u
P
e
d
o
M
h
s
a
l
F
)
1
(
t
H
S
A
L
F
V
<
V
3
.
3
N
I
V
2
.
4
<
I
T
U
O
V
,
A
m
0
0
5
=
T
U
O
V
8
.
2
>
0
0
5s
m
e
m
i
T
p
U
-
t
r
a
t
S
e
d
o
M
h
s
a
l
F
)
1
(
t
T
S
-
F
o
t
h
g
i
h
s
e
o
g
H
S
A
L
F
n
e
h
w
0
=
t
I
T
U
O
e
u
l
a
v
l
a
n
if
f
o
%
0
9
=
1s
m
e
m
i
T
p
U
-
t
r
a
t
S
e
d
o
M
t
h
g
il
t
o
p
S
)
1
(
t
T
S
-
S
o
t
h
g
i
h
s
e
o
g
L
R
T
C
n
e
h
w
0
=
t
I
T
U
O
e
u
l
a
v
l
a
n
if
f
o
%
0
9
=
1s
m
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
Of
C
S
O
d
e
l
b
a
n
E
e
c
i
v
e
D0
5
2z
H
k
y
c
a
r
u
c
c
A
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
∆f
C
S
O
5
1
-5
1%
ti
m
i
L
t
n
e
r
r
u
C
t
u
p
t
u
O
ti
u
c
r
i
C
-
t
r
o
h
SI
C
S
V
T
U
O
V
0
=5
6
4A
m
ti
m
i
L
t
n
e
r
r
u
C
t
u
p
n
II
T
I
M
I
L
V
N
I
V
,
V
7
.
3
=
T
U
O
V
0
.
4
=0
.
11
.
2A
n
o
it
c
e
t
o
r
P
e
r
u
t
a
r
e
p
m
e
T
-
r
e
v
O
T
T
O
0
5
1C
°
s
i
s
e
r
e
t
s
y
H0
1C
°
d
l
o
h
s
e
r
h
T
h
g
i
H
t
u
p
n
I
c
i
g
o
LV
H
I
L
R
T
C
,
H
S
A
L
F5
.
1V
d
l
o
h
s
e
r
h
T
w
o
L
t
u
p
n
I
c
i
g
o
LV
L
I
L
R
T
C
,
H
S
A
L
F4
.
0V
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
c
i
g
o
LI
H
I
L
R
T
C
,
H
S
A
L
F1
0
25
3
µA
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
c
i
g
o
LI
L
I
L
R
T
C
,
H
S
A
L
F1
.
02
µA
e
g
a
tl
o
V
e
l
p
p
i
R
T
E
S
I
)
1
(
V
P
P
I
-
e
d
o
m
t
h
g
il
t
o
p
S
T
U
O
A
m
0
0
1
=5
2
V
m
I
-
e
d
o
m
H
S
A
L
F
T
U
O
A
m
0
0
5
=0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com