Electronic Components Datasheet Search
  English  ▼

X  

SC615 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC615
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC615 Datasheet(HTML) 1 Page - Semtech Corporation

  SC615 Datasheet HTML 1Page - Semtech Corporation SC615 Datasheet HTML 2Page - Semtech Corporation SC615 Datasheet HTML 3Page - Semtech Corporation SC615 Datasheet HTML 4Page - Semtech Corporation SC615 Datasheet HTML 5Page - Semtech Corporation SC615 Datasheet HTML 6Page - Semtech Corporation SC615 Datasheet HTML 7Page - Semtech Corporation SC615 Datasheet HTML 8Page - Semtech Corporation SC615 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.semtech.com
1
POWER MANAGEMENT
SC615
Charge Pump
Flash LED Driver
July 11, 2005
Application Circuit
Applications
Features
500mA Output Current - Flash Mode
3.0V to 5.25V Input Range
Two Selectable Modes - Flash and Spotlight
External Flash Control Pin for Synchronization to a
Camera Module or Graphics Controller
Spotlight Mode Current Setting - 100mA
Short Circuit, Over-Voltage, and Over-Temperature
Protection
Soft-Start Functionality
Two Control Inputs for Maximum Versatility
Shutdown Current < 2
µA
Micro Lead-frame Package MLPD-10, 3mm x 3mm
Mobile Camera Phones
Digital Cameras
PDAs with Built-in Cameras
Multi-LED Backlit LCDs
The SC615 is a high-current charge pump designed spe-
cifically for use with white LEDs used in camera flash
applications. Only two small bucket capacitors are re-
quired to develop the output drive, providing a low EMI
solution compared to inductive boost regulators.
The SC615 has two modes of operation: Flash mode
and Spotlight mode. The SC615 is capable of delivering
500mA of peak current for a duration of 500ms in Flash
mode. In Spotlight mode the SC615 outputs 100mA
and can remain enabled continuously.
A minimum 0.5
Ω sense resistor is used to set the cur-
rent through the LED in both modes. This resistor dissi-
pates up to 0.125W, reducing the power dissipation re-
quirement of the SC615. The flash input (FLASH) over-
rides the control input (CTRL) to make sure the flash func-
tion is activated when called for.
The thermally efficient MLPD-10 package and ceramic
bypass and bucket capacitors help make the SC615 a
high output current driver that requires a minimal amount
of PCB area.
Description
3.0V to 5.25V
SC615
VIN
1
C2-
2
C2+
10
C1-
4
C1+
8
VOUT
9
FLASH
5
CTRL
7
GND
3
ISET
6
1
µF
1
µF
FLASH
CTRL
1
µF
white LED
0.5
10
µF


Similar Part No. - SC615

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
SC615AEVB SEMTECH-SC615AEVB Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
SC615AEVB SEMTECH-SC615AEVB Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
SC615AMLTRT SEMTECH-SC615AMLTRT Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
More results

Similar Description - SC615

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3172 AAT-AAT3172 Datasheet
455Kb / 15P
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
logo
Semtech Corporation
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
SC605 SEMTECH-SC605 Datasheet
361Kb / 12P
Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
SC619 SEMTECH-SC619 Datasheet
205Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
Flash LED Driver with 700mA Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com