Electronic Components Datasheet Search
  English  ▼

X  

SC615 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC615
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC615 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC615 Datasheet HTML 4Page - Semtech Corporation SC615 Datasheet HTML 5Page - Semtech Corporation SC615 Datasheet HTML 6Page - Semtech Corporation SC615 Datasheet HTML 7Page - Semtech Corporation SC615 Datasheet HTML 8Page - Semtech Corporation SC615 Datasheet HTML 9Page - Semtech Corporation SC615 Datasheet HTML 10Page - Semtech Corporation SC615 Datasheet HTML 11Page - Semtech Corporation SC615 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC615
Layout Guidelines
The following layout is suggested for a two-layer design.
The capacitors C1 and C2 are the bucket capacitors and
each conducts the full load current of up to 500mA
pulsed for one half clock cycle. C3 is the output
decoupling capacitor placed near the SC615 VOUT pin.
C4 is the input decoupling capacitor placed near the
SC615 VIN pin. Multiple vias should be used whenever
it is necessary to change layers on nets connecting to
pins VIN, VOUT, GND, C1-, C1+, C2- and C2+. Resistor
R1 is routed with a very low resistance connection be-
tween R1 and GND pin 3. The sense trace between Pin
6 and R1 is routed around the ground vias, allowing the
Bottom Copper
Top Copper
shortest ground return path possible. The sense trace is
connected to R1 at the positive terminal pad for the most
accurate output possible.
The bottom copper layer is mostly a ground plane with
no obstructions between the ground vias. The smaller
rectangle to the left connects the input power to VIN pin
1 and input capacitor C4. The two traces at the lower
left are for logic inputs FLASH and CTRL. The trace to
the right is the ISET pin "sense" trace. The sense trace is
routed out of the path of the returning ground current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com