Electronic Components Datasheet Search
  English  ▼

X  

SC411EVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC411EVB
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411EVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC411EVB Datasheet HTML 4Page - Semtech Corporation SC411EVB Datasheet HTML 5Page - Semtech Corporation SC411EVB Datasheet HTML 6Page - Semtech Corporation SC411EVB Datasheet HTML 7Page - Semtech Corporation SC411EVB Datasheet HTML 8Page - Semtech Corporation SC411EVB Datasheet HTML 9Page - Semtech Corporation SC411EVB Datasheet HTML 10Page - Semtech Corporation SC411EVB Datasheet HTML 11Page - Semtech Corporation SC411EVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
12
DH
Gate drive output for the high side MOSFET switch.
13
BST
Boost capacitor connection for the high side gate drive.
14
NC
Not connected.
15
EN/PSV
Enable/Power Save input. Pull down to VSSA to shut down VOUT and discharge it through
22
Ω (nom.). Pull up to enable VOUT and activate PSAVE mode. Float to enable VOUT ac-
tivate continuous conduction mode (CCM). If floated, bypass to VSSA with a 10nF ceramic
capacitor.
16
TON
This pin is used to sense VBAT through a pullup resistor, RTON, and to set the top MOSFET
on-time. Bypass this pin with a 1nF ceramic capacitor to VSSA.
-
Thermal
Pad
Pad for heatsinking purposes. Connect to ground plane using multiple vias.
Not connected internally.
tplhDL
tplhDH
LX
DL
DL
DH
Pin Descriptions (Cont.)
Shoot-Through Delay Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com