Electronic Components Datasheet Search
  English  ▼

X  

SC411EVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC411EVB
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411EVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC411EVB Datasheet HTML 8Page - Semtech Corporation SC411EVB Datasheet HTML 9Page - Semtech Corporation SC411EVB Datasheet HTML 10Page - Semtech Corporation SC411EVB Datasheet HTML 11Page - Semtech Corporation SC411EVB Datasheet HTML 12Page - Semtech Corporation SC411EVB Datasheet HTML 13Page - Semtech Corporation SC411EVB Datasheet HTML 14Page - Semtech Corporation SC411EVB Datasheet HTML 15Page - Semtech Corporation SC411EVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
Dropout Performance
The output voltage adjust range for continuous-conduction
operation is limited by the fixed 550ns (maximum) mini-
mum off-time one-shot. For best dropout performance,
use the slowest on-time setting of 200kHz. When work-
ing with low input voltages, the duty-factor limit must be
calculated using worst-case values for on and off times.
The IC duty-factor limitation is given by:
Be sure to include inductor resistance and MOSFET on-
state voltage drops when performing worst-case dropout
duty-factor calculations.
SC411 System DC Accuracy
Two IC parameters affect system DC accuracy, the error
comparator threshold voltage variation and the switching
frequency variation with line and load. The error com-
parator threshold does not drift significantly with supply
and temperature. Thus, the error comparator contributes
1.2% or less to DC system inaccuracy. Board components
and layout also influence DC accuracy. The use of 1%
feedback resistors contribute 1%. If tighter DC accuracy
is required use 0.1% feedback resistors.
The on-pulse in the SC411 is calculated to give a pseu-
do- fixed frequency. Nevertheless, some frequency varia-
tion with line and load can be expected. This variation
changes the output ripple voltage. Because constant-on
regulators regulate to the valley of the output ripple, ½ of
the output ripple appears as a DC regulation error. For
example, if the feedback resistors are chosen to divide
down the output by a factor of five, the valley of the output
ripple will be VOUT. For example: if VOUT is 2.5V and the
ripple is 50mV with VBAT = 6V, then the measured DC
output will be 2.525V. If the ripple increases to 80mV
with VBAT = 25V, then the measured DC output will be
2.540V.
The output inductor value may change with current. This
will change the output ripple and thus the DC output volt-
age but it will not change the frequency.
)
MAX
(
OFF
t
)
MIN
(
ON
t
)
MIN
(
ON
t
DUTY
+
=
Switching frequency variation with load can be minimized
by choosing MOSFETs with lower RDS(ON). High RDS(ON)
MOSFETs will cause the switching frequency to increase
as the load current increases. This will reduce the ripple
and thus the DC output voltage.
Design Procedure
Prior to designing an output and making component selec-
tions, it is necessary to determine the input voltage range
and the output voltage specifications. For purposes of
demonstrating the procedure the output for the schemat-
ic in Figure 4 on Page 17 will be designed.
The maximum input voltage (V
BAT(MAX)) is determined by the
highest AC adaptor voltage. The minimum input voltage
(V
BAT(MIN)) is determined by the lowest battery voltage after
accounting for voltage drops due to connectors, fuses and
battery selector switches. For the purposes of this design
example we will use a V
BAT range of 8V to 20V.
Four parameters are needed for the output:
1) nominal output voltage, V
OUT (we will use 1.2V).
2) static (or DC) tolerance, TOL
ST (we will use +/-4%).
3) transient tolerance, TOL
TR and size of transient (we will
use +/-8% and 6A for purposes of this demonstration).
4) maximum output current, I
OUT (we will design for 6A).
Switching frequency determines the trade-off between
size and efficiency. Increased frequency increases the
switching losses in the MOSFETs, since losses are a func-
tion of VIN2. Knowing the maximum input voltage and
budget for MOSFET switches usually dictates where the
design ends up. A default R
tON value of 1MΩ is suggested
as a starting point, but this is not set in stone. The first
thing to do is to calculate the on-time, t
ON, at VBAT(MIN) and
V
BAT(MAX), since this depends only upon VBAT, VOUT and RtON.
For VOUT < 3.3V:
Application Information (Cont.)
tON_VBAT(MIN) = 3.3 10-12
RtON + 37 103
VOUT
VBAT(MIN) + 50 10
-9
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com