Electronic Components Datasheet Search
  English  ▼

X  

SC411EVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC411EVB
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411EVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC411EVB Datasheet HTML 1Page - Semtech Corporation SC411EVB Datasheet HTML 2Page - Semtech Corporation SC411EVB Datasheet HTML 3Page - Semtech Corporation SC411EVB Datasheet HTML 4Page - Semtech Corporation SC411EVB Datasheet HTML 5Page - Semtech Corporation SC411EVB Datasheet HTML 6Page - Semtech Corporation SC411EVB Datasheet HTML 7Page - Semtech Corporation SC411EVB Datasheet HTML 8Page - Semtech Corporation SC411EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
www.semtech.com
1
POWER MANAGEMENT
SC411
Synchronous Buck Pseudo-Fixed
Frequency Power Supply Controller
June 2007
The SC411 is a constant on-time synchronous buck PWM
controller in a space-saving MLPQ package intended for
use in notebook computers and other battery operated
portable devices. Features include high efficiency and
a fast dynamic response with no minimum on-time. The
excellent transient response means that SC411 based solu-
tions will require less output capacitance than competing
fixed frequency converters.
The switching frequency is constant until a step-in load or
line voltage occurs. During this time the pulse density and
frequency will increase or decrease to counter the change
in output or input voltage. After the transient event, the
controller frequency will return to steady-state operation.
At light loads, Powersave Mode enables the SC411 to skip
PWM pulses for better efficiency.
The output voltage can be adjusted from 0.5V to VCCA. A
frequency setting resistor sets the on-time for the controller.
The integrated gate drivers feature adaptive shoot-through
protection and soft-switching. Additional features include
cycle-by-cycle current limit, digital soft-start, over-voltage
and under-voltage protection, a Power Good output and
soft discharge upon shutdown.
Constant on-time for fast dynamic response
Programmable VOUT range = 0.5 – VCCA
VBAT range = 1.8V – 25V
DC current sense using low-side RDS(ON)
Sensing or sense resistor
Resistor programmable frequency
Cycle-by-cycle current limit
Digital soft-start
Powersave option
Over-voltage/under-voltage fault protection
10μA typical shutdown current
Low quiescent power dissipation
Power good indicator
1.2% reference
Integrated gate drivers with soft switching
Enable pin
16 pin MLPQ (4mm x 4mm)
Output soft discharge upon shutdown
Notebook Computers
CPU/IO Supplies
Handheld Terminals and PDAs
LCD Monitors
Network Power Supplies
Description
Features
Typical Application Circuit
Applications
C6
1uF
R3
R6
VOUT
C5
1nF
R1
RTON1
VBAT
PGOOD
Q1
C7
1uF
R5
C1 0.1uF
D1
C2
10uF
VBAT
5VSUS
L1
+
C4
VOUT
R2
10R
R4
5VSUS
VOUT
1
VCCA
2
FB
3
PGD
4
VDDP
9
ILIM
10
LX
11
DH
12
U1
SC411
Q2
C3


Similar Part No. - SC411EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC410 SEMTECH-SC410 Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
SC410A SEMTECH-SC410A Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AEVB SEMTECH-SC410AEVB Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AMLTRT SEMTECH-SC410AMLTRT Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410EVB SEMTECH-SC410EVB Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
More results

Similar Description - SC411EVB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6134 SIPEX-SP6134 Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6134HV SIPEX-SP6134HV Datasheet
141Kb / 14P
Dual Supply Synchronous Buck Controller
SP6137HV SIPEX-SP6137HV Datasheet
265Kb / 13P
Dual Supply Synchronous Buck Controller
logo
Semtech Corporation
SC1485 SEMTECH-SC1485 Datasheet
362Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1486 SEMTECH-SC1486 Datasheet
330Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
logo
Sipex Corporation
SP6134 SIPEX-SP6134_06 Datasheet
176Kb / 14P
Dual Supply Synchronous Buck Controller
logo
Semtech Corporation
SC1470 SEMTECH-SC1470 Datasheet
397Kb / 25P
Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC483 SEMTECH-SC483 Datasheet
464Kb / 27P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1485 SEMTECH-SC1485_05 Datasheet
463Kb / 27P
Dual Synchronous Buck Pseudo Fixed Frequency Power Supply Controller
SC1486 SEMTECH-SC1486_03 Datasheet
333Kb / 17P
Dual Synchronous Buck Pseudo Fixed Frequency DDR Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com