Electronic Components Datasheet Search
  English  ▼

X  

SC411EVB Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC411EVB
Description  Synchronous Buck Pseudo-Fixed Frequency Power Supply Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC411EVB Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC411EVB Datasheet HTML 16Page - Semtech Corporation SC411EVB Datasheet HTML 17Page - Semtech Corporation SC411EVB Datasheet HTML 18Page - Semtech Corporation SC411EVB Datasheet HTML 19Page - Semtech Corporation SC411EVB Datasheet HTML 20Page - Semtech Corporation SC411EVB Datasheet HTML 21Page - Semtech Corporation SC411EVB Datasheet HTML 22Page - Semtech Corporation SC411EVB Datasheet HTML 23Page - Semtech Corporation SC411EVB Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20
© 2007 Semtech Corp.
www.semtech.com
SC411
POWER MANAGEMENT
Figure 9: Power Component Placement and Copper Pours
Key points for the power section:
1) There should be a very small input loop, well decoupled.
2) The phase node should be a large copper pour, but compact since this is the noisiest node.
3) Input power ground and output power ground should not connect directly, but through the ground planes instead.
4) The current limit resistor should be placed as close as possible to the ILIM and LX pins.
Connecting the control and power sections should be accomplished as follows (see Figure 10 on the following page):
1) Route VOUT in a “quiet” layer away from noise sources.
2) Route DL, DH and LX (low side FET gate drive, high side FET gate drive and phase node) to chip using wide traces
with multiple vias if using more than one layer. These connections to be as short as possible for loop minimization,
with a length to width ratio less than 20:1 to minimize impedance. DL is the most critical gate drive, with power ground
as its return path. LX is the noisiest node in the circuit, switching between VBAT and ground at high frequencies, thus
should be kept as short as practical. DH has LX as its return path.
3) BST is also a noisy node and should be kept as short as possible.
4) Connect PGND and VSSA directly to the thermal pad, and connect the thermal pad to the ground plane using mul-
tiple vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com