Electronic Components Datasheet Search
  English  ▼

X  

SC471 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC471
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC471 Datasheet HTML 2Page - Semtech Corporation SC471 Datasheet HTML 3Page - Semtech Corporation SC471 Datasheet HTML 4Page - Semtech Corporation SC471 Datasheet HTML 5Page - Semtech Corporation SC471 Datasheet HTML 6Page - Semtech Corporation SC471 Datasheet HTML 7Page - Semtech Corporation SC471 Datasheet HTML 8Page - Semtech Corporation SC471 Datasheet HTML 9Page - Semtech Corporation SC471 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
© 2006 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
Marking Information
Pin Configuration
Ordering Information
Device
Package(2)
SC471MLTRT(1)
MLPQ-16 3X3
SC471AMLTRT (1)
MLPQ-16 3X3
SC471EVB
Evaluation Board
Notes:
1) Available in tape and reel packaging only. A reel contains 3000
devices.
2) Available in lead-free packaging only. This product is fully WEEE,
RoHS and J-TD-020B compliant. This component and all homog-
enous subcomponents are RoHS compliant.
TOP VIEW
1
2
3
4
12
11
10
9
16
15
14
13
5678
MLPQ16: 3X3 16 LEAD
T
EN
BST
LX
VCC
DL
VOUT
PGOOD
FB
Marking for the 3x3mm MLPQ 16 Lead Package
nnn = Part Number (Example: 471)
yyww = Date Code (Example: E652)
xxxx = Semtech Lot No. (Example: E901)
471
yyww
xxxx
Marking for the 3x3mm MLPQ 16 Lead Package
nnn = Part Number (Example: 471A)
yyww = Date Code (Example: E652)
xxxx = Semtech Lot No. (Example: E901)
471A
yyww
xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com