Electronic Components Datasheet Search
  English  ▼

X  

SC471 Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC471
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471 Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC471 Datasheet HTML 19Page - Semtech Corporation SC471 Datasheet HTML 20Page - Semtech Corporation SC471 Datasheet HTML 21Page - Semtech Corporation SC471 Datasheet HTML 22Page - Semtech Corporation SC471 Datasheet HTML 23Page - Semtech Corporation SC471 Datasheet HTML 24Page - Semtech Corporation SC471 Datasheet HTML 25Page - Semtech Corporation SC471 Datasheet HTML 26Page - Semtech Corporation SC471 Datasheet HTML 27Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
25
© 2006 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
Reference Design
4
D
Q1
RJK0305DP
C9
1500PF
EN
BAT54A
D1
PGD
C3
10UF
FB
VSNS
VSNS
VSNS
VSNS
+C5*
330uF/6mohm
R12
49.9K
R11
18.7K
VCC
LX
1
BST
2
VCC
3
DL
4
FB
9
VOUT
10
PGD
11
EN
12
17
PAD
U1
SC471
PGD
R14
28.7K
VCC
VOUT
G0
D2
MBRS140L
L1
VOUT
G1
VBAT
R16
18.7K
C7
1UF
C1
10UF
C2
10UF
R8
10K
D1
D1
C4
100NF
VCC
0.7uH
C8
1UF
R3
10K
C12
10nF
C6
NO_POP
+C6*
R7
10K
4
D
Q2
RJK0302DP
ILIM
LX
Component
Value
Manufacturer
Part Number
Web
C1, C2, C3
10uF, 25V
Murata
GRM32DR71E106KA12L
www.murata.com
C5, C5
330uF/6mohm/2V
Panasonic
EEFSX0D331XR
www.panasonic.com
L1
0.7uH, 24A
NEC Tokin
C-PI-1350-0R7S
http://www.nec-tokin.com
Q1
10mohm/30V
Renesas
RJK0305DBP
www.renesas.com
Q2
3.5mohm/30V
Renesas
RJK0302
www.renesas.com
D1
200mA/30V
OnSemi
BAT54C
www.onsemi.com
D2
1A/40V
OnSemi
MBSR140LT3
www.onsemi.com
Bill of Materials
Reference Design — 0.90, 1.05, 1.1, 1.15V 20A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com