Electronic Components Datasheet Search
  English  ▼

X  

SC471 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC471
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC471 Datasheet HTML 6Page - Semtech Corporation SC471 Datasheet HTML 7Page - Semtech Corporation SC471 Datasheet HTML 8Page - Semtech Corporation SC471 Datasheet HTML 9Page - Semtech Corporation SC471 Datasheet HTML 10Page - Semtech Corporation SC471 Datasheet HTML 11Page - Semtech Corporation SC471 Datasheet HTML 12Page - Semtech Corporation SC471 Datasheet HTML 13Page - Semtech Corporation SC471 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
© 2006 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
Zero Cross detector, then both DH and DL will remain low
until FB drops to the 0.75V reference, at which point the
next DH on-time will begin. This is normal operation at
light load.
The typical operating frequency is 325kHz. It is possible to
raise the frequency by placing a resistor divider between
the output and the VOUT pin, see Figure 2. This reduces
the voltage at the VOUT pin which is used to generate the
on-time according to the previous equation. Note that
this places a small minimum load on the output. The new
frequency is approximated by the following equation:
FREQ (kHz) = 325 ∙ (1 + R1/R2)
Figure 2
It is also possible to lower the frequency using a resistive
divider to the 5V bias supply, see Figure 3. This raises
the voltage at the VOUT pin which will increase the on-
time. Note that this results in a small leakage path from
the 5V supply to the output voltage. The resistor values
should be large to prevent the output voltage from drifting
up during shutdown conditions.
Note: the feedback resistors act as a dummy load to limit how
far the output can rise.
The new operating frequency is approximated by the
equation:
FREQ (kHz) = 325 ∙ ((R1 + R2) / (R1 + R2 ∙ VCC/VOUT))
VOUT Voltage Selection
Output voltage is regulated by comparing VOUT as seen
through a resistor divider to the internal 0.75V reference,
see Figure 1. With D0/D1 in the open state, the output
voltage is its lowest value and is set by the equation:
VOUT = 0.75 • (1 + R1/R2)
L
COUT
ESR
+
VOUT
VLX
pin 10
(VOUT)
R1
R2
1nF
Power Output
VCC
Figure 3
Voltage Transition Control
The SC471/A provides G0/G1 control inputs to allow for the
selection of up to four output voltages. The output voltage
is regulated by comparing the FB pin (connected to VOUT via
an external resistor divider) to the internal 0.75V reference.
The G0/G1 inputs control the gates of internal MOSFETS,
and the sources are connected to D0/D1. Using G0/G1,
the user controls whether D0/D1 are grounded or open,
which then controls the resistor divider ratio for VOUT. The
SC471 uses active high logic for the G0/G1 inputs: a high
signal on G0/G1 will tie D0/D1 to ground. The SC471A
uses active low logic for the G0/G1inputs: a low signal on
G0/G1 will tie D0/D1 to ground.
When either the G0 or G1 input changes state, this change
quickly causes three actions:
The corresponding control output (D0 or D1) also
changes state.
The power good PGD output is temporarily latched
into its present state. This prevents chattering or
false tripping while VOUT moves to the new level.
1.
2.
Applications Information (continued)
L
COUT
ESR
+
VOUT
VLX
pin 10
(VOUT)
R2
R1
1nF
Power Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com