Electronic Components Datasheet Search
  English  ▼

X  

SC471 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC471
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC471 Datasheet HTML 7Page - Semtech Corporation SC471 Datasheet HTML 8Page - Semtech Corporation SC471 Datasheet HTML 9Page - Semtech Corporation SC471 Datasheet HTML 10Page - Semtech Corporation SC471 Datasheet HTML 11Page - Semtech Corporation SC471 Datasheet HTML 12Page - Semtech Corporation SC471 Datasheet HTML 13Page - Semtech Corporation SC471 Datasheet HTML 14Page - Semtech Corporation SC471 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
© 2006 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
The output over-voltage OVP point is raised to 50%
above nominal, or 1.125V at FB. When going from
a higher to lower voltage, the G0/G1 change causes
rapid change of D0/D1, which in turns cause a rapid
change at FB. The temporary increase in OVP allows
the output to slew down to the new level without
tripping the OVP function.
VOUT Voltage Selection
VOUT voltage is regulated through the FB pin via resistors
R1 through R4 as shown in Figure 4.
+
TON
0.75V
FB
D1
D0
G1
G0
SC471/A
R1
R2
R3
R4
VOUT
Logic
Control
Figure 4
The following table shows the equations that set VOUT as
a function of control inputs G0/G1:
VOUT Equation
SC471
SC471A
G1
G0
G1
G0
0.75 • (1 + R1/R2)
0011
0.75 • (1 + R1/R2 + R1/R3)
0110
0.75 • (1 + R1/R2 + R1/R4)
1001
0.75 • (1 + R1/R2 + R1/R3 + R1/R4)
1100
Note: the RDSON of the internal D0/D1 mosfets is in series
with R3/R4, which adds typically 15 ohms in series.
3.
Voltage Transitioning
The G0/G1 pins allow VOUT to transition to both higher
and lower values. The two directions have differing
responses.
When doing a down transition, the D0/D1 change will
cause FB to go above the 0.75V threshold. Depending on
the level of VOUT change and the load, the IC responds in
different ways. At light load conditions when power-save
is active, and when the downward change is 8% or greater,
the rapid change of D0/D1 is large enough to cause FB
to rise up to the Smart Power Save threshold (810mV).
DL will drive high to turn on the low-side MOSFET and
draw current from the output capacitor via the inductor.
DL will remain on until FB falls to 0.75V, at which point
a normal DH switching cycle begins, see Figure 5. This
causes the output to transition to the new voltage level
quickly, typically 10~20 usec. Refer to the Smart Power
Save Protection section for a full description.
A rapid downward change in VOUT also occurs for downward
changes less than 8%, provided the load is high enough
such that power-save is not active. In this case, after D0
opens and FB rises above the 0.75V trip point, DL will drive
high and stay high until FB drops to the trip point.
VOUT
FB
R1
R2
D0/D1
D0/D1
750mV
810mV
DL
DL
(FB threshold)
RTN
VOUT
FB
Initial VOUT
Final VOUT
R3/R4
(Smart Psave threshold)
Figure 5
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com