Electronic Components Datasheet Search
  English  ▼

X  

SC1116 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1116
Description  Linear FET Controller For DDR Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1116 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1116 Datasheet HTML 1Page - Semtech Corporation SC1116 Datasheet HTML 2Page - Semtech Corporation SC1116 Datasheet HTML 3Page - Semtech Corporation SC1116 Datasheet HTML 4Page - Semtech Corporation SC1116 Datasheet HTML 5Page - Semtech Corporation SC1116 Datasheet HTML 6Page - Semtech Corporation SC1116 Datasheet HTML 7Page - Semtech Corporation SC1116 Datasheet HTML 8Page - Semtech Corporation SC1116 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1116
Application Information
Overview
The SC1116 linear controller is designed to meet the
JEDEC specifications for termination of DDR-SDRAM.
Double Data Rate (DDR) memory is clocked at the same
speed as older SDRAM (synchronous dynamic random
access memory), yet handles twice the amount of data
by using the rising and falling edge of the clock signal for
data transfers. Another difference is that DDR memory
requires 2.5V instead of 3.3V used by standard SDRAM.
The other feature that separates DDR memory from a
conventional type is employment of the V
TT – termination
voltage. Main requirements for the V
TT are that it must
track variations of V
DDQ and be able to supply (source)
current, and absorb (sink) current.
The SC1116 controller offers a low cost solution for DDR
termination voltage regulation by using external pass el-
ements (MOSFETs). Having the flexibility of choosing the
MOSFETs allows for optimization on the basis of cost/
size/performance of the specific application.
Test Circuit & Waveforms
The test circuit is shown below in Figure 1.
Note that V
REF voltage is supplied externally to eliminate
inaccuracy caused by resistor divider.
Figure 1.
REF
3
DRVL
4
VCC
1
FB
5
GND
2
DRVH
6
U1
SC1116
C3
0.1uF
C2
1uF
C4
4.7nF
C5
4.7nF
C6
270uF
R3
1k
R4
1k
Q1
IR37 14
Q2
IR37 14
VTT=1.25Vtyp
C1
100uF
22m
32m
2xIsin k
Isin k
Po wer
Electronic
Cu rrent
Su pp ly
Loa d
Pu lse loa d, dc=50%
Iso urce/ Isink
Pro be
VDDQ=2.5V
Vcc=5V
Vref=1.25V
+/-3A
0A to 6A Step
3A Isource



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com