Electronic Components Datasheet Search
  English  ▼

X  

SC1116 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1116
Description  Linear FET Controller For DDR Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1116 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1116 Datasheet HTML 1Page - Semtech Corporation SC1116 Datasheet HTML 2Page - Semtech Corporation SC1116 Datasheet HTML 3Page - Semtech Corporation SC1116 Datasheet HTML 4Page - Semtech Corporation SC1116 Datasheet HTML 5Page - Semtech Corporation SC1116 Datasheet HTML 6Page - Semtech Corporation SC1116 Datasheet HTML 7Page - Semtech Corporation SC1116 Datasheet HTML 8Page - Semtech Corporation SC1116 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1116
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1C
C
V
.r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
F
µ
1
.
0
a
h
ti
w
d
n
u
o
r
g
o
t
e
l
p
u
o
c
e
d
d
n
a
y
l
p
p
u
s
V
5
1
o
t
V
3
a
t
c
e
n
n
o
c
,
n
i
p
y
l
p
p
u
S
2D
N
G.
d
n
u
o
r
g
l
a
n
g
i
s
d
n
a
r
e
w
o
P
3F
E
R.
e
g
a
tl
o
v
s
i
h
t
o
t
d
e
t
a
l
u
g
e
r
e
b
ll
i
w
e
g
a
tl
o
v
t
u
p
t
u
O
.t
u
p
n
i
e
c
n
e
r
e
f
e
R
4L
V
R
D.t
u
p
t
u
o
e
v
ir
d
T
E
F
e
d
i
s
w
o
L
5B
F.
n
i
p
k
c
a
b
d
e
e
F
6H
V
R
D.t
u
p
t
u
o
e
v
ir
d
T
E
F
e
d
i
s
h
g
i
H
Pin Descriptions
Notes:
(1) Only available in tape and reel packaging. A reel
contains 3000 devices.
(2) Lead free option. Fully WEEE and RoHS compliant.
r
e
b
m
u
N
t
r
a
Pk
r
a
M
p
o
Te
g
a
k
c
a
P
R
T
K
S
I
6
1
1
1
C
S
)
1
(
0
0
H
AL
6
3
2
-
T
O
S
T
R
T
K
S
I
6
1
1
1
C
S
)
2
(
)
1
(
Ordering Information
Pin Configuration
3
1
VCC
TOP VIEW
(SOT-23 6L)
5
FB
REF
6
DRVH
4
DRVL
2
GND
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com