Electronic Components Datasheet Search
  English  ▼

X  

SC1116 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1116
Description  Linear FET Controller For DDR Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1116 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1116 Datasheet HTML 3Page - Semtech Corporation SC1116 Datasheet HTML 4Page - Semtech Corporation SC1116 Datasheet HTML 5Page - Semtech Corporation SC1116 Datasheet HTML 6Page - Semtech Corporation SC1116 Datasheet HTML 7Page - Semtech Corporation SC1116 Datasheet HTML 8Page - Semtech Corporation SC1116 Datasheet HTML 9Page - Semtech Corporation SC1116 Datasheet HTML 10Page - Semtech Corporation SC1116 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1116
VCC = 5V
VDDQ = 2.5V
VREF = 1.25V
Time (50us/div)
I STEP :
+1.25A
to –1.25A
Slew Rate:
2.5 A/uS
VCC = 5V
VDDQ = 2.5V
VREF = 1.25V
Time (50us/div)
I STEP :
- 0.75A
to + 0.75A
Slew Rate:
2.5 A/uS
Test Waveforms
Time (50us/div)
VCC = 5V
VDDQ = 2.5V
VREF = 1.25V
I STEP :
+2.3A
to - 2.2A
Slew Rate:
2.5 A/uS
VCC = 5V
VDDQ = 2.5V
VREF = 1.25V
Time (50us/div)
I STEP :
+1.75A
to –1.75A
Slew Rate:
2.5 A/uS
V
TT Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com