Electronic Components Datasheet Search
  English  ▼

X  

SC1116 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1116
Description  Linear FET Controller For DDR Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1116 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1116 Datasheet HTML 2Page - Semtech Corporation SC1116 Datasheet HTML 3Page - Semtech Corporation SC1116 Datasheet HTML 4Page - Semtech Corporation SC1116 Datasheet HTML 5Page - Semtech Corporation SC1116 Datasheet HTML 6Page - Semtech Corporation SC1116 Datasheet HTML 7Page - Semtech Corporation SC1116 Datasheet HTML 8Page - Semtech Corporation SC1116 Datasheet HTML 9Page - Semtech Corporation SC1116 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1116
Typical Characteristics (Cont.)
Max. Sinking Current
vs. V
CC
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
33.5
44.5
55.566.5
SUPPLY VOLTAGE, V
CC (V)
V
DDQ = 2.5V
V
REF = 1.25V
V
TT
= 1.263V
Max. Sourcing Current
vs. V
CC
0
1
2
3
4
5
6
3
3.5
4
4.5
5
5.5
6
6.5
SUPPLY VOLTAGE, V
CC (V)
V
DDQ = 2.5V
V
REF = 1.25V
V
TT
= 1.237V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com