Electronic Components Datasheet Search
  English  ▼

X  

HT6221 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT6221
Description  Multi-Purpose Encoders
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6221 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT6221 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
HT6221/HT6222
Rev. 1.50
5
October 1, 2007
Functional Description
Keyboard Scan
The HT6221/HT6222 remain in the halt mode during the
standby state (at this time, the oscillator stops, and the
standby current<1
mA). The HT6221 consists of 32 ac-
tive keys, and the HT6222 has 64 active keys. The key-
board forms of the HT6221/ HT6222 are shown below.
· The HT6221 keyboard form
· The HT6222 keyboard form
When one of the keys (32 or 64 keys) is triggered for over
36ms, the oscillator is enabled and the chip is activated. If
the key is pressed and held for 108ms or less, the 108ms
transmission codes are enabled and comprised of a
header code (9ms), an off code (4.5ms), low byte address
codes (9ms~18ms), high byte address codes
(9ms~18ms), 8-bit data codes (9ms~18ms), and the in-
verse codes of the 8-bit data codes (18ms~9ms). After the
pressed key is held for 108ms, if the key is still held down,
the transmission codes turn out to be a composition of
header (9ms) and off codes (2.5ms) only.
To avoid mistakes made by keyboard scanning or simul-
taneous two-key inputs (except for the three double-key
active functions (K21+K22, K21+K23, and K21+K24),
the HT6221/HT6222 are facilitated with 36ms starting
time.
The HT6221/HT6222 also provide three double-key ac-
tive functions (K21+K22, K21+K23, and K21+K24) for
tape deck recording operations. The double-key opera-
tion rules are shown in timing 4 and timing 6.
Transmission Codes
The transmission codes of the HT6221/HT6222 consist
of a 9ms header code, a 4.5ms off code, 16-bit address
codes (18ms~36ms), 9ms~18ms 8-bit data codes, and
the inverse code of the 8-bit data codes. The following is
an illustration of the transmission codes:
C 1
R 1
R 2
R 3
R 4
R 5
R 6
R 7
R 8
K 1
K 2
K 3
K 4
K 3 3
K 3 4
K 3 5
K 3 6
K 5
K 6
K 7
K 8
K 3 7
K 3 8
K 3 9
K 4 0
K 9
K 1 0
K 1 1
K 1 2
K 4 1
K 4 2
K 4 3
K 4 4
K 1 3
K 1 4
K 1 5
K 1 6
K 4 5
K 4 6
K 4 7
K 4 8
K 1 7
K 1 8
K 1 9
K 2 0
K 4 9
K 5 0
K 5 1
K 5 2
K 2 1
K 2 2
K 2 3
K 2 4
K 5 3
K 5 4
K 5 5
K 5 6
K 2 9
K 3 0
K 3 1
K 3 2
K 6 1
K 6 2
K 6 3
K 6 4
K 2 5
K 2 6
K 2 7
K 2 8
K 5 7
K 5 8
K 5 9
K 6 0
C 2
C 3
C 4
C 5
C 6
C 7
C 8
K 1
K 2
K 3
K 4
K 5
K 6
K 7
K 8
K 9
K 1 0
K 1 1
K 1 2
K 1 3
K 1 4
K 1 5
K 1 6
C 1
C 2
C 3
C 4
R 1
R 2
R 3
R 4
K 1 7
K 1 8
K 1 9
K 2 0
K 2 1
K 2 2
K 2 3
K 2 4
K 2 5
K 2 6
K 2 7
K 2 8
K 2 9
K 3 0
K 3 1
K 3 2
C 5
C 6
C 7
C 8
D O U T
X 2
K e y - i n
( K 1 ~ K 6 4 )
3 6 m s m i n .
9 m s
4 5 m s ~ 6 3 m s
1 0 8 m s
1 0 8 m s
( A 0 ~ A 1 5 + D 0 ~ D 7 + D 0 ~ D 7 )
3 8 k H z ,
3 3 % d u t y c a r r i e r
9 m s
2 . 5 m s
2 . 5 m s
9 m s
K e y E n a b l e s
F o s c = 4 5 5 k H z
4 . 5 m s
0 . 5 6 m s
0 . 5 6 m s
Output format for the DOUT
C a r r i e r
2 6 . 3 m s
8 . 7 7 m s
3 8 k H z
38kHz carrier
The output code carrier of the DOUT pin is shown in Timing 2:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com