Electronic Components Datasheet Search
  English  ▼

X  

HT6221 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT6221
Description  Multi-Purpose Encoders
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6221 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT6221 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 10Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 11Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 12Page - Holtek Semiconductor Inc HT6221 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Application Circuits
Application Circuit 1
Note: Typical infrared diode: EL-1L2 (KODENSHI CORP.)
HT6221/HT6222
Rev. 1.50
9
October 1, 2007
K 2 1 I n p u t
t > 1 2 6 m s
K m I n p u t
K 2 1
3 6 m s
3 6 m s
1 0 8 m s ( m i n . )
D O U T
K m
K 2 1 c o d e t r a n s m i s s i o n
K 2 1 + K m c o d e
t r a n s m i s s i o n
Note: Km can be one of K22~K24
Valid double-key input
DOUT and LED
After the transmission codes are sent, the DOUT pin generates transmission codes with a carrier, and the LED goes
low to drive a transmission indicator.
H T 6 2 2 1
D 7
V S S
1 0
7
5
C 1
C 2
C 3
C 4
C 5
5 1 k W ´ 8
1 N 4 1 4 8 ´ 8
C 6
C 7
C 8
R 1
R 2
R 3
R 4
A I N
K 1
K 2
K 3
K 4
K 5
K 6
K 7
K 8
K 9
K 1 0
K 1 1
K 1 2
K 1 3
K 1 4
K 1 5
K 1 6
K 1 7
K 1 8
K 1 9
K 2 0
K 2 1
K 2 2
K 2 3
K 2 4
K 2 5
K 2 6
K 2 7
K 2 8
K 2 9
K 3 0
K 3 1
K 3 2
D O U T
L E D
V D D
8 0 5 0
1 . 8 V ~ 3 . 5 V
3 3 0 W
4 7 m F / 1 6 V
1 k W
I n f r a r e d
4 7 W
1 1
6
X 1
X 2
4 5 5 k H z
c e r a m i c r e s o n a t o r
8
9
1 0 0 p F
1 0 0 p F
V D D
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1
2
3
4
2 0
L E D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com